Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO2170M8R Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AO2170M8R
Description  36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AO2170M8R Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AO2170M8R Datasheet HTML 1Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 2Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 3Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 4Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 5Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 6Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 7Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 8Page - AiT Semiconductor Inc. AO2170M8R Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AO2170
OP AMPLIFIER
36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
- JUL 2021 RELEASED -
- 4 -
ELECTRICAL CHARACTERISTICS
at TA = +25°C, Vs=3V to 36V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
Parameter
Symbol
Conditions
TJ
Min
Typ Max Units
POWER SUPPLY
Operating Voltage Range
Vs
+25°C
3
-
36
V
Quiescent
Current/Amplifier
IQ
Vs=±2.5V, Io=0mA
+25°C
-
150
250
uA
Vs=±18V, Io=0mA
-
200
350
Power-Supply Rejection
Ratio
PSRR Vs=5V to 36V
+25°C
98
120
-
dB
INPUT
Input Offset Voltage
Vos
VCM=VS/2
+25°C
-4
±0.8
4
mV
-40°C to 125°C
-
±1.1
Input Offset Voltage
Average Drift
Vos Tc
-40°C to 125°C
-
3
-
uV/°C
Input Bias Current
IB
VCM=0V
+25°C
-
10
60
pA
-40°C to 125°C
-
600
-
Input Offset Current
IOS
VCM=0V
+25°C
-
10
60
pA
-40°C to 125°C
-
600
-
Common-Mode Voltage
Range
VCM
Vs= ±18V
+25°C
(V-)-0.1
-
(V+)-2
V
Common-Mode
Rejection Ratio
CMRR
Vs=±2.5V, VCM=(V-)-0.1V
to (V+)-2V
+25°C
70
110
-
dB
Vs=±18V, VCM=(V-)-0.1V
to (V+)-2V
+25°C
70
-
-
OUTPUT
Open-Loop Voltage Gain
AOL
RL=10KΩ, Vo=(V-)-0.6V
to (V+)-0.6V
+25°C
93
115
-
dB
Output Swing
VOH
VS=±18V, RL=10KΩ
+25°C
17.85
-
-
V
VOL
-
-
-17.85
V
Short-Circuit Current
ISC
VS=36V, Vo=0V
+25°C
-
70
-
mA
Capacitive Load Drive
CLOAD
+25°C
-
100
-
pF
FREQUENCY RESPONSE
Slew Rate
SR
G=+1, CL=100pF
+25°C
-
0.67
-
V/us
Gain-Bandwidth Product GBW
+25°C
-
1.2
-
MHz
Setting Time,0.01%
ts
VS=±2.5V, G=+1,
CL=100pF, Step=2V
+25°C
-
5
-
us
Overload Recovery Time
tOR
VIN·Gain≥VS, G=11
+25°C
-
5
-
us
Turn On Time
tON
+25°C
-
10
-
us
NOISE
Input Voltage Noise
En
f=0.1Hz to 10Hz,
Vs=±2.5V
+25°C
-
16
-
uVpp
Input Voltage Noise
Density
en
f=1KHz
+25°C
-
45
-
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com