Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS7005 Datasheet (PDF) - AiT Semiconductor Inc.

BAS7005 Datasheet PDF - AiT Semiconductor Inc.
Part # BAS7005
Download  BAS7005 Download
File Size   265.53 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODES 70mA, 70V

BAS7005 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS7005 Datasheet PDF - AiT Semiconductor Inc.

Part # BAS7005
Download  BAS7005 Click to download

File Size   265.53 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODES 70mA, 70V

BAS7005 Datasheet (HTML) - AiT Semiconductor Inc.


BAS7005 Product details

DESCRIPTION
70
m A Plan ar Schottky barrier diodes with an
integrated guard ring for stress protection. Single
diodes and double diodes with different pinning are
available.
The
BAS 70 is available in SOT 23 p a ckage

FEATURES
⚫ Low Turn-on Voltage
⚫ Fast Switching
⚫ Low forward current
⚫ High breakdown vo ltage
⚫ Guard ring protected
⚫ Low diode capacitance.
⚫ A vailabl e in SOT 23 p ackage

APPLICATIONS
⚫ Ultra high speed switching
⚫ Voltage clamping
⚫ Protection circuits.
⚫ Blocking diodes.




Similar Part No. - BAS7005

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAS7005 COMCHIP-BAS7005 Datasheet
447Kb / 2P
Small Signal Schottky Diodes
BAS7005-G COMCHIP-BAS7005-G Datasheet
447Kb / 2P
Small Signal Schottky Diodes
More results


Similar Description - BAS7005

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC809 SANYO-FC809 Datasheet
50Kb / 2P
30V, 70mA Rectifier
SB007-03SPA SANYO-SB007-03SPA Datasheet
50Kb / 2P
30V, 70mA Rectifier
SB007T03Q SANYO-SB007T03Q Datasheet
60Kb / 2P
30V, 70mA Rectifier
SB007W03S SANYO-SB007W03S Datasheet
56Kb / 2P
30V, 70mA Rectifier
logo
Fairchild Semiconductor
BAS70SV FAIRCHILD-BAS70SV Datasheet
147Kb / 4P
70V Dual Schottky Barrier Diodes
logo
Formosa MS
BAS70WS FORMOSA-BAS70WS_10 Datasheet
197Kb / 7P
70mA Surface Mount Small Signal Schottky Diodes-70v
logo
Fairchild Semiconductor
BAS70SV FAIRCHILD-BAS70SV_11 Datasheet
147Kb / 4P
70V Dual Schottky Barrier Diodes
logo
Chip Integration Techno...
BAS70 CITC-BAS70 Datasheet
98Kb / 3P
70mA Surface Mount Small Signal Diodes
BAS70WS CITC-BAS70WS Datasheet
459Kb / 3P
70mA Surface Mount Small Signal Diodes
logo
AiT Semiconductor Inc.
MMSD301 AITSEMI-MMSD301 Datasheet
571Kb / 6P
SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com