Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301 Datasheet (PDF) - AiT Semiconductor Inc.

MMSD301 Datasheet PDF - AiT Semiconductor Inc.
Part # MMSD301
Download  MMSD301 Download
File Size   571.4 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V

MMSD301 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSD301 Datasheet PDF - AiT Semiconductor Inc.

Part # MMSD301
Download  MMSD301 Click to download

File Size   571.4 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V

MMSD301 Datasheet (HTML) - AiT Semiconductor Inc.


MMSD301 Product details

DESCRIPTION
They are
designed for high efficiency UHF and VHF
detector applications.
Readily available to many other fast switching RF
and digital applications.
The
MMSD301 ///MMSD701 is available in S OD 123
p ackage

FEATURES
 Extremely Low Minority Carrier Lifetime
 Very Low Capacitance
 Low Reverse Leakage
 Availabl e in S OD 123 p ackage




Similar Part No. - MMSD301

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
logo
Shenzhen Luguang Electr...
MMSD301 LUGUANG-MMSD301 Datasheet
281Kb / 3P
Schottky Barrier Diode
logo
Diode Semiconductor Kor...
MMSD301 DSK-MMSD301 Datasheet
283Kb / 4P
Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
MMSD301 BILIN-MMSD301 Datasheet
358Kb / 5P
Schottky Barrier Diodes
More results


Similar Description - MMSD301

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GEMBR2070CT GTM-GEMBR2070CT Datasheet
316Kb / 2P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 70V TO 150V, CURRENT 20A
logo
GOOD-ARK Electronics
FSL23S GOOD-ARK-FSL23S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 2A
FSL13 GOOD-ARK-FSL13_15 Datasheet
211Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 1A
logo
AiT Semiconductor Inc.
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
DSR01S30S AITSEMI-DSR01S30S Datasheet
363Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.1A
REV1.0
MBR0530 AITSEMI-MBR0530 Datasheet
475Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.5A
REV1.0
MBR130 AITSEMI-MBR130 Datasheet
638Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 30V FORWARD CURRENT 1.0A
REV1.1
MBR230LSF AITSEMI-MBR230LSF Datasheet
469Kb / 4P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com