Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # MMSD301
Description  SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MMSD301 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  MMSD301 Datasheet HTML 1Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 2Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 3Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 4Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 5Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MMSD301/MMSD701
SCHOTTKY DIODE
REVERSE VOLTAGE 30V/70V
REV1.0
- APR 2017 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
@TA=25°C, unless otherwise specified
VR, Reverse Voltage
MMSD301
30V
MMSD701
70V
PF, Forward Power Dissipation
225mW
TJ, Junction Temperature
-55°C~+125°C
TSTG, Storage Temperature Range
-55°C~+150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA=25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
Reverse Breakdown Voltage
V(BR)R
IR=10μA
MMSD301
30
-
-
V
MMSD701
70
-
-
Diode Capacitance
CT
VR=0,
f=1.0MHz
MMSD301
-
0.9
1.5
pF
MMSD701
-
0.5
1.0
Total Capacitance
CT
VR=15V,
f=1.0MHz
MMSD301
-
0.9
1.5
pF
VR=20V,
f=1.0MHz
MMSD701
-
0.5
1.0
Reverse Leakage
IR
VR=25V
MMSD301
-
13
200
nA
VR=35V
MMSD701
-
9.0
200
nA
Forward Voltage
VF
IF=1.0mA
IF=10mA
MMSD301
-
-
0.38
0.52
0.45
0.6
V
IF=1.0mA
IF=10mA
MMSD701
-
-
0.42
0.7
0.5
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com