Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # MMSD301
Description  SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MMSD301 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  MMSD301 Datasheet HTML 1Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 2Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 3Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 4Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 5Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MMSD301/MMSD701
SCHOTTKY DIODE
REVERSE VOLTAGE 30V/70V
REV1.0
- APR 2017 RELEASED -
- 1 -
DESCRIPTION
FEATURES
They are designed for high–efficiency UHF and VHF
detector applications.
Readily available to many other fast switching RF
and digital applications.
The MMSD301//MMSD701 is available in SOD-123
package
Extremely Low Minority Carrier Lifetime
Very Low Capacitance
Low Reverse Leakage
Available in SOD-123 package
ORDERING INFORMATION
PIN DESCRIPTION
Package Type
Part Number
SOD-123
MMSD301
MMSD701
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products


Similar Part No. - MMSD301

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
logo
Shenzhen Luguang Electr...
MMSD301 LUGUANG-MMSD301 Datasheet
281Kb / 3P
Schottky Barrier Diode
logo
Diode Semiconductor Kor...
MMSD301 DSK-MMSD301 Datasheet
283Kb / 4P
Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
MMSD301 BILIN-MMSD301 Datasheet
358Kb / 5P
Schottky Barrier Diodes
More results

Similar Description - MMSD301

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GEMBR2070CT GTM-GEMBR2070CT Datasheet
316Kb / 2P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 70V TO 150V, CURRENT 20A
logo
GOOD-ARK Electronics
FSL23S GOOD-ARK-FSL23S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 2A
FSL13 GOOD-ARK-FSL13_15 Datasheet
211Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 1A
logo
AiT Semiconductor Inc.
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
DSR01S30S AITSEMI-DSR01S30S Datasheet
363Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.1A
REV1.0
MBR0530 AITSEMI-MBR0530 Datasheet
475Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.5A
REV1.0
MBR130 AITSEMI-MBR130 Datasheet
638Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 30V FORWARD CURRENT 1.0A
REV1.1
MBR230LSF AITSEMI-MBR230LSF Datasheet
469Kb / 4P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com