Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301 Datasheet(PDF) 5 Page - AiT Semiconductor Inc.

Part # MMSD301
Description  SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MMSD301 Datasheet(HTML) 5 Page - AiT Semiconductor Inc.

  MMSD301 Datasheet HTML 1Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 2Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 3Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 4Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 5Page - AiT Semiconductor Inc. MMSD301 Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MMSD301/MMSD701
SCHOTTKY DIODE
REVERSE VOLTAGE 30V/70V
REV1.0
- APR 2017 RELEASED -
- 5 -
PACKAGE INFORMATION
Dimension in SOD-123 (Unit: mm)
Symbol
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.450
0.650
0.018
0.026
c
0.080
0.150
0.003
0.006
D
1.500
1.700
0.059
0.067
E
2.600
2.800
0.102
0.110
E1
3.550
3.850
0.140
0.152
L
0.500 REF.
0.020 REF.
L1
0.250
0.450
0.010
0.018
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com