Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS312W Datasheet (PDF) - AiT Semiconductor Inc.

DS312W Datasheet PDF - AiT Semiconductor Inc.
Part # DS312W
Download  DS312W Download
File Size   564.93 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A

DS312W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS312W Datasheet PDF - AiT Semiconductor Inc.

Part # DS312W
Download  DS312W Click to download

File Size   564.93 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A

DS312W Datasheet (HTML) - AiT Semiconductor Inc.


DS312W Product details

DESCRIPTION
The
DS32W~DS3 20W are available in SOD 123FL
p a ckage

FEATURES
 M etal silicon junction, majority carrier
conduction
 For surface mounted applications
 Low power loss, high efficiency
 High forward surge current capability
 For use in low voltage, h igh frequency
inverters, free wheeling, and polarity
protection applications
 Availabl e in SOD 123FL p ackage

MECHANICAL DATA
Case:
SOD 123FL
Terminals: Solderable per MIL
STD 750,
Method 2026
Approx. Weight:
15 mg 0.000 48 oz




Similar Part No. - DS312W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DS312W YFWDIODE-DS312W Datasheet
84Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
DS312W SEMIPOWER-DS312W Datasheet
128Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
DS312W YFWDIODE-DS312W Datasheet
409Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DS312W RECTRON-DS312W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS312W RECTRON-DS312W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - DS312W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
logo
GOOD-ARK Electronics
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
DS210W AITSEMI-DS210W Datasheet
648Kb / 6P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2A
REV1.0
DS32W AITSEMI-DS32W Datasheet
564Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
REV1.0
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com