Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS312W Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # DS312W
Description  SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

DS312W Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  DS312W Datasheet HTML 1Page - AiT Semiconductor Inc. DS312W Datasheet HTML 2Page - AiT Semiconductor Inc. DS312W Datasheet HTML 3Page - AiT Semiconductor Inc. DS312W Datasheet HTML 4Page - AiT Semiconductor Inc. DS312W Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
DS32W~DS320W
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
REV1.0
- MAR 2015 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The DS32W~DS320W are available in SOD-123FL
package
Metal silicon junction, majority carrier
conduction
For surface mounted applications
Low power loss, high efficiency
High forward surge current capability
For use in low voltage, high frequency
inverters, free wheeling, and polarity
protection applications
Available in SOD-123FL package
ORDERING INFORMATION
Package Type
Part Number
SOD-123FL
DS32W
DS34W
DS36W
DS38W
DS310W
DS312W
DS315W
DS320W
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products
MECHANICAL DATA
Case: SOD-123FL
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 15mg 0.00048oz
PIN DESCRIPTION


Similar Part No. - DS312W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DS312W YFWDIODE-DS312W Datasheet
84Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
DS312W SEMIPOWER-DS312W Datasheet
128Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
DS312W YFWDIODE-DS312W Datasheet
409Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DS312W RECTRON-DS312W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS312W RECTRON-DS312W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DS312W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
logo
GOOD-ARK Electronics
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
DS210W AITSEMI-DS210W Datasheet
648Kb / 6P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2A
REV1.0
DS32W AITSEMI-DS32W Datasheet
564Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
REV1.0
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com