Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LV032A Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LV032A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LV032A
Download  PI90LV032A Download
File Size   326.22 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3V LVDS High-Speed Differential Line Drivers

PI90LV032A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LV032A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LV032A
Download  PI90LV032A Click to download

File Size   326.22 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3V LVDS High-Speed Differential Line Drivers

PI90LV032A Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LV032A Product details

Description
The PI90LV031A, PI90LV027A, and PI90LV017A are differential line drivers that use low-voltage differential signaling (LVDS) to support data rates in excess of 400 Mbps. These products are designed for applications requiring high-speed, low-power consumption and low noise generation.

Features
• Signaling Rates >400Mbps (200 MHz)
• Single 3.3V Power Supply Design
• –350mV Differential Swing
• Maximum Differential Skew of 0.4ns
• Maximum Propagation Delay of 2.0ns
• Maximum Power Dissipation: 25mW @ 200 MHz/driver
• Low Voltage TTL (LVTTL) Inputs
• Industrial Temperature Operating Range: -40°C to 85°C
• Package Options Available: SOIC, TSSOP, MSOP
• Meets or Exceeds IEEE 1596.3 SCI LVDS Standard
• Meets or Exceeds ANSI/TIA/EIA-644 LVDS Standard

Applications
   Applications include point-to-point and multidrop baseband data transmission over controlled impedance media of approximately 100 Ohms. The transmission media can be printed circuit board traces, backplanes, or cables.




Similar Part No. - PI90LV032A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
3V LVDS High-Speed Differential Line Receivers
PI90LV032ALE PERICOM-PI90LV032ALE Datasheet
482Kb / 9P
3V LVDS High-Speed Differential Line Receivers
PI90LV032AWE PERICOM-PI90LV032AWE Datasheet
482Kb / 9P
3V LVDS High-Speed Differential Line Receivers
More results


Similar Description - PI90LV032A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
3.3V LVDS High-Speed Differential Line Drivers and Receivers
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
3V LVDS Quad Flow-Through Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV031ALEX PERICOM-PI90LV031ALEX Datasheet
566Kb / 11P
3V LVDS High-Speed Differential Line Drivers
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
3V LVDS High-Speed Differential Line Receivers
logo
Texas Instruments
DS90LT012AH TI1-DS90LT012AH_15 Datasheet
779Kb / 16P
High Temperature 3V LVDS Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com