Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LV032A Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LV032A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LV032A
Download  PI90LV032A Download
File Size   482.26 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3V LVDS High-Speed Differential Line Receivers

PI90LV032A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LV032A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LV032A
Download  PI90LV032A Click to download

File Size   482.26 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3V LVDS High-Speed Differential Line Receivers

PI90LV032A Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LV032A Product details

Description
The PI90LV032A, PI90LV028A, and PI90LV018A are differential line receivers that use low-voltage differential signaling (LVDS) to support data rates in excess of 400 Mbps. These products are designed for applications requiring high-speed, low-power consumption and low noise generation.

Features
• Signaling Rates >400Mbps (200 MHz)
• Single 3.3V Power Supply Design
• Accepts ±350mV (typical) Differential Swing
• Maximum Differential Skew of 0.35ns
• Maximum Propagation Delay of 3.3ns
• Low Voltage TTL (LVTTL) Outputs
• Industrial Temperature Operating Range: -40°C to 85°C
• Open, Short, and Terminated Fail Safe
• Meets or Exceeds IEEE 1596.3 SCI Standard
• Meets or Exceeds ANSI/TIA/EIA-644 LVDS Standard
• Packaging (Pb-free & Green avaliable): - SOIC, TSSOP, and MSOP

Applications
    Applications include point-to-point and multidrop baseband data transmission over controlled impedance media of approximately 100 Ohms. The transmission media can be printed circuit board traces, backplanes, or cables.




Similar Part No. - PI90LV032A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV032A PERICOM-PI90LV032A Datasheet
326Kb / 10P
3V LVDS High-Speed Differential Line Drivers
More results


Similar Description - PI90LV032A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
3.3V LVDS High-Speed Differential Line Drivers and Receivers
PI90LV3486 PERICOM-PI90LV3486 Datasheet
265Kb / 9P
LVDS High-Speed Differential Line Receivers
PI90LV031A PERICOM-PI90LV031A Datasheet
326Kb / 10P
3V LVDS High-Speed Differential Line Drivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
3V LVDS Quad Flow-Through Differential Line Receivers
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Pericom Semiconductor C...
PI90LV031ALEX PERICOM-PI90LV031ALEX Datasheet
566Kb / 11P
3V LVDS High-Speed Differential Line Drivers
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
LVDS High-Speed Differential Line Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com