Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS32B Datasheet (PDF) - STMicroelectronics

STLVDS32B Datasheet PDF - STMicroelectronics
Part # STLVDS32B
Download  STLVDS32B Download
File Size   696.26 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed differential line receivers

STLVDS32B Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS32B Datasheet PDF - STMicroelectronics

Part # STLVDS32B
Download  STLVDS32B Click to download

File Size   696.26 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed differential line receivers

STLVDS32B Datasheet (HTML) - STMicroelectronics


STLVDS32B Product details

Description
The STLVDS32 is a differential line receiver that implements the electrical characteristics of low voltage differential signaling (LVDS). This signaling technique lowers the output voltage levels of 5 V differential standard levels (such as TIA/EIA-422B) to reduce the power, increase the switching speeds and allow operations with a 3.3 V supply rail. This differential receiver provides a valid logical output state with a 3.3 V supply rail. It also provides a valid logical output state with a ±100 mV differential input voltage within the input common mode voltage range. The input common mode voltage allows 1 V of ground potential difference between two LVDS nodes.
The intended application of this device and signalling technique is both point-to-point and multidrop data transmission over controlled impedance media approximately 100 Ω. The transmission media may be printed circuit board traces, backplanes or cables. The ultimate rate and distance of data transfer depend upon the attenuation characteristics of the media and noise coupling to the environment.
The STLVDS32 version is characterized for operation from -55°C to 125°C.

Features
■ Meets or exceeds the requirements of ansi
   TIA/EIA-644 standard
■ Operates with a single 3.3 V supply
■ Designed for signaling rate up to 400 Mbps
■ Differential input thresholds ±100 mV max
■ Typical propagation delay time of 2.5 ns
■ Power dissipation 60 mW typical per receiver
   at 200 MHz
■ Low voltage TTL (LVTTL) logic output levels
■ Pin compatible with the AM26LS32,
   SN65LVD32
■ Open circuit fail safe
■ ESD protection:
■ 7 kV receiver pins
■ 3 kV all pins vs gnd




Similar Part No. - STLVDS32B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32BD STMICROELECTRONICS-STLVDS32BD Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
STLVDS32BDR STMICROELECTRONICS-STLVDS32BDR Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
STLVDS32BTR STMICROELECTRONICS-STLVDS32BTR Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
STLVDS32BTR STMICROELECTRONICS-STLVDS32BTR Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
More results


Similar Description - STLVDS32B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
logo
Texas Instruments
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com