Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LV386 Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LV386 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LV386
Download  PI90LV386 Download
File Size   165.59 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description High-Speed Differential Line Receivers

PI90LV386 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LV386 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LV386
Download  PI90LV386 Click to download

File Size   165.59 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description High-Speed Differential Line Receivers

PI90LV386 Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LV386 Product details

Description
The PI90LVx386 family consists of sixteen differential line receivers with 3-state outputs that implement Low-Voltage Differential Signaling (LVDS). Any of the differential receivers will provide a valid logical output state with a ±100mV differential input voltage within the input common-mode voltage range that allows 0 to 3V of ground potential difference between two LVDS nodes. The independent EN pins can be used to place the outputs in either a normal logic state (high or low logic levels) or a high-impedance state. In high-impedance state, outputs neither load nor drive the bus lines.

Features
• Sixteen line receivers meet or exceed the requirements of the ANSI TIA/EIA-644-1995 Standard
• Designed for signaling rates up to 660 Mbps
• 0V to 3V common-mode input voltage range
• Operates from a single 3.3V supply
• Typical propagation delay time: 2.6ns
• Output skew 100ps (typical)
• Part-to-part skew is less than 1ns
• Integrated 110-Ohm termination on PI90LVT386
• Low Voltage TTL (LVTTL) levels are 5V tolerant
• Open-circuit fail safe
• Flow-through pin out
• Packaging (Pb-free & Green available):
    - 64-Pin Thin Shrink Small Output TSSOP (A)




Similar Part No. - PI90LV386

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV386AE PERICOM-PI90LV386AE Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results


Similar Description - PI90LV386

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
logo
Texas Instruments
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com