Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7906 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AFE7906 Datasheet PDF - Texas Instruments
Part # AFE7906
Download  AFE7906 Download
File Size   6931.63 Kbytes
Page   78 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs

AFE7906 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7906 Datasheet PDF - Texas Instruments

Part # AFE7906
Download  AFE7906 Click to download

File Size   6931.63 Kbytes
Page   78 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs

AFE7906 Datasheet (HTML) - Texas Instruments


AFE7906 Product details

1 Features
• Request full data sheet
• Six RF sampling 14 bit, 3 GSPS ADCs
• Maximum RF signal bandwidth:
– 4 ADCs: 1200 MHz per ADC
– 6 ADCs: 600 MHz per ADC
• RF frequency range: 5 MHz - 12 GHz
• Digital step attenuators (DSA): 25 dB range, 0.5-
dB steps
• Single DDC (on 6 channels) or dual-band DDCs
(on 4 channels)
• 16x NCOs per DDC channel
• Optional Internal PLL/VCO for ADC clocks or
external clock at ADC sample rate
• Sysref alignment detector
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes transmitters up to 29.5 Gbps
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Radar
• Seeker front end
• Defense radio
• Wireless communications test

3 Description
The AFE7906 is a high performance, wide bandwidth
multi-channel receiver, integrating six RF Sampling
ADCs. With operation up to 12 GHz, this device
enables direct RF sampling in the L, S, C and Xband
frequency ranges without the need for additional
frequency conversions stages. This improvement in
density and flexibility enables high-channel-count,
multi-mission systems.
Each receiver chain includes a 25-dB range DSA
(Digital Step Attenuator), followed by a 3-GSPS ADC
(analog-to-digital converter). Four receiver channels
have an analog peak power detector and various
digital power detectors to assist an external or
internal autonomous automatic gain controller, and
RF overload detectors for device reliability protection.
Flexible decimation options provide optimization of
data bandwidth up to 1200 MHz for four RX or 600
MHz.
The device contains a SYSREF timing detector to
allow optimization of the SYSREF input timing relative
to the device clock.




Similar Part No. - AFE7906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7906 TI-AFE7906 Datasheet
664Kb / 9P
AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
JANUARY 2022
AFE7906IABJ TI-AFE7906IABJ Datasheet
664Kb / 9P
AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
JANUARY 2022
More results


Similar Description - AFE7906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7906 TI-AFE7906 Datasheet
664Kb / 9P
AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
JANUARY 2022
AFE7903 TI-AFE7903 Datasheet
15Mb / 152P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
MARCH 2022
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7903 TI-AFE7903_V01 Datasheet
15Mb / 154P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
JULY 2022
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com