Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7951 Datasheet (PDF) - Texas Instruments

AFE7951 Datasheet PDF - Texas Instruments
Part # AFE7951
Download  AFE7951 Download
File Size   13626.88 Kbytes
Page   135 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs

AFE7951 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7951 Datasheet PDF - Texas Instruments

Part # AFE7951
Download  AFE7951 Click to download

File Size   13626.88 Kbytes
Page   135 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs

AFE7951 Datasheet (HTML) - Texas Instruments


AFE7951 Product details

1 Features
• Request full data sheet
• Quad RF sampling 12-GSPS transmit DACs
• Quad RF sampling 3-GSPS receive ADCs
• Maximum RF signal bandwidth: 400 MHz
• RF frequency range: 600 MHz - 12 GHz
• Digital step attenuators (DSA):
– TX: 40 dB range, 0.125-dB steps
– RX: 25 dB range, 0.5-dB steps
• Single or dual-band DUC or DDCs
• 16x NCOs per TX or RX
• Optional Internal PLL or VCO for DAC or ADC
clocks or external clock at DAC or ADC sample
rate
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes transceivers up to 29.5 Gbps
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Radar
• Seeker front end
• Defense radio
• Tactical communications infrastructure
• Wireless communications test

3 Description
The AFE7951 is a high performance, wide
bandwidth multi-channel transceiver, integrating four
RF sampling transmitter chains and four RF sampling
receiver chains. With operation up to 12 GHz, this
device enables direct RF sampling in the L, S,
C and X-band frequency ranges without the need
for additional frequency conversions stages. This
improvement in density and flexibility enables highchannel-
count, multi-mission systems.
The TX signal paths support interpolation and digital
up conversion options that deliver up to 400 MHz
of signal bandwidth per TX channel. The output
of the DUCs drives a 12-GSPS DAC (digital to
analog converter) with a mixed mode output option
to enhance 2nd Nyquist operation. The DAC output
includes a variable gain amplifier (TX DSA) with 40-
dB range and 1-dB analog and 0.125-dB digital steps.




Similar Part No. - AFE7951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7950 TI1-AFE7950 Datasheet
14Mb / 125P
AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
MARCH 2024
AFE7950 TI2-AFE7950 Datasheet
16Mb / 126P
AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
REVISED AUGUST 2024
More results


Similar Description - AFE7951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com