Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7901 Datasheet (PDF) - Texas Instruments

AFE7901 Datasheet PDF - Texas Instruments
Part # AFE7901
Download  AFE7901 Download
File Size   16065.37 Kbytes
Page   160 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs

AFE7901 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7901 Datasheet PDF - Texas Instruments

Part # AFE7901
Download  AFE7901 Click to download

File Size   16065.37 Kbytes
Page   160 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs

AFE7901 Datasheet (HTML) - Texas Instruments


AFE7901 Product details

1 Features
• Request full data sheet
• Quad RF sampling 12-GSPS transmit DACs
• Quad RF sampling 3-GSPS receive ADCs
• Maximum RF signal bandwidth per TX or RX: 400
MHz
• RF frequency range: 5 MHz - 7.4 GHz
• Digital step attenuators (DSA):
– TX: 40 dB range, 0.125-dB steps
– RX: 25 dB range, 0.5-dB steps
• Single or dual-band DUC or DDCs for TX and RX
• 16x NCOs per TX or RX
• Optional Internal PLL or VCO for DAC or ADC
clocks or external clock at DAC or ADC sample
rate
• Sysref Alignment Detector
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes transceivers up to 29.5 Gbps
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Radar
• Seeker front end
• Defense radio
• Tactical communications infrastructure
• Wireless communications test

3 Description
The AFE7901 is a high performance, wide
bandwidth multi-channel transceiver, integrating four
RF sampling transmitter chains and four RF sampling
receiver chains. With operation up to 7.4 GHz, this
device enables direct RF sampling in the L, S and Cband
frequency ranges without the need for additional
frequency conversions stages. This improvement in
density and flexibility enables high-channel-count,
multi-mission systems.
The TX signal paths support interpolation and digital
up conversion options that deliver up to 400 MHz of
signal bandwidth per TX path using a single or dual
digital up converter. The output of the DUCs drives
a 12-GSPS DAC (digital to analog converter) with a
mixed mode output option to enhance 2nd Nyquist
operation. The DAC output includes a variable gain
amplifier (TX DSA) with 40-dB range and 1-dB analog
and 0.125-dB digital steps.




Similar Part No. - AFE7901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI-AFE7900 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7900IABJ TI1-AFE7900IABJ Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900IABJ TI-AFE7900IABJ Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7900IALK TI-AFE7900IALK Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
More results


Similar Description - AFE7901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com