Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7900IABJ Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AFE7900IABJ Datasheet PDF - Texas Instruments
Part # AFE7900IABJ
Download  AFE7900IABJ Download
File Size   16469.73 Kbytes
Page   157 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs

AFE7900IABJ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7900IABJ Datasheet PDF - Texas Instruments

Part # AFE7900IABJ
Download  AFE7900IABJ Click to download

File Size   16469.73 Kbytes
Page   157 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs

AFE7900IABJ Datasheet (HTML) - Texas Instruments


AFE7900IABJ Product details

1 Features
• Request full data sheet
• Quad RF sampling 12-GSPS transmit DACs
• Quad RF sampling 3-GSPS receive ADCs
• Dual RF sampling 3-GSPS feedback (auxilliary
RX) ADCs
• Maximum RF signal bandwidth:
– 4TX or 2FB: 1200 MHz or 2TX: 2400 MHz
– RX): 1200 MHz (no FB), 600 MHz (with FB)
• RF frequency range:
– TX: 5MHz - 7.4GHz
– RX/FB: 5MHz -7.4GHz
• Digital step attenuators (DSA):
– TX: 40 dB range, 0.125-dB steps
– RX or FB: 25 dB range, 0.5-dB steps
• Single or dual-band DUC or DDCs for TX and RX
• 16x NCOs per TX or RX and FB
• Optional Internal PLL or VCO for DAC or ADC
clocks or external clock at DAC or ADC sample
rate
• Sysref Alignment Detector
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes transceivers up to 29.5 Gbps
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Radar
• Seeker front end
• Defense radio
• Tactical communications infrastructure
• Wireless communications test

3 Description
The AFE7900 is a high performance, wide
bandwidth multi-channel transceiver, integrating four
RF sampling transmitter chains, four RF sampling
receiver chains and two RF sampling feedback chains
(six RF sampling ADCs total). With operation up to
7.4 GHz, this device enables direct RF sampling in
the L, S and C-band frequency ranges without the
need for additional frequency conversions stages.
This improvement in density and flexibility enables
high-channel-count, multi-mission systems.
The TX signal paths support interpolation and digital
up conversion options that deliver up to 1200 MHz
of signal bandwidth for four TX or 2400 MHz for two
TX. The output of the DUCs drives a 12-GSPS DAC
(digital to analog converter) with a mixed mode output
option to enhance 2nd Nyquist operation. The DAC
output includes a variable gain amplifier (TX DSA)
with 40-dB range and 1-dB analog and 0.125-dB
digital steps.




Similar Part No. - AFE7900IABJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7900IABJ TI1-AFE7900IABJ Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
More results


Similar Description - AFE7900IABJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com