Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC6984 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLC6984 Datasheet PDF - Texas Instruments
Part # TLC6984
Download  TLC6984 Download
File Size   2966.97 Kbytes
Page   74 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver

TLC6984 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC6984 Datasheet PDF - Texas Instruments

Part # TLC6984
Download  TLC6984 Click to download

File Size   2966.97 Kbytes
Page   74 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver

TLC6984 Datasheet (HTML) - Texas Instruments


TLC6984 Product details

1 Features
• Separated VCC and VR/G/B power supply
– VCC voltage range: 2.5 V – 5.5 V
– VR/G/B voltage range: 2.5 V – 5.5 V
• 48 current source channels from 0.2 mA to 20 mA
– Channel-to-channel accuracy: ±0.5% (typ.),
±2% (max.); device-to-device accuracy: ±0.5%
(typ.), ±2% (max.)
– Low knee voltage: 0.26 V (max.) when IOUT = 5
mA
– 3-bits (8 steps) global brightness control
– 8-bits (256 steps) color brightness control
– Maximum 16-bits (65536 steps) PWM
grayscale control
• 16 scan line switches with 190-mΩ RDS(ON)
• Ultra low power consumption
– Independent VCC down to 2.5 V
– Lowest ICC down to 3.6 mA with 50-MHz GCLK
– Intelligent power saving mode with ICC down to
0.9mA
• Built-in SRAM to support 1 – 64 multiplexing
– Single device with 16 multiplexing to support 48
× 16 LEDs or 16 × 16 RGB pixels
– Dual devices stackable with 32 multiplexing to
support 96 × 32 LEDs or 32 × 32 RGB pixels
– Three devices stackable with 48 multiplexing to
support 144 × 48 LEDs or 48 × 48 RGB pixels
– Four devices stackable with 64 multiplexing to
support 192 × 64 LEDs or 64 × 64 RGB pixels
• High speed and low EMI Continuous Clock Series
Interface (CCSI)
– Only three wires: SCLK / SIN / SOUT
– External 25-MHz (max.) SCLK with dual-edge
transmission mechanism (internal 50 MHz)
– Internal frequency multiplier to support high
GCLK frequency
• Optimized display performance
– Programmable scan line sequence
– Upside and downside ghosting removal
– Low grayscale enhancement
– LED open, short, and weak short detection and
removal

2 Applications
• Narrow Pixel Pitch (NPP) LED display
• Mini and micro-LED products

3 Description
With the pixel density getting higher in narrow pixel
pitch LED display or mini and micro-LED products,
there are urgent demands for LED drivers to address
those critical challenges. These challenges include
ultra high integration to meet the strict board space
limitation, ultra low power to minimize the system
level power dissipation, new interface to enable high
data refresh rate with low EMI impact, and excellent
display performance to serve the growing needs of
higher display quality.




Similar Part No. - TLC6984

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6984 TI-TLC6984 Datasheet
2Mb / 67P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
DECEMBER 2021
TLC6984 TI-TLC6984 Datasheet
3Mb / 71P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
MARCH 2022
TLC6984 TI-TLC6984 Datasheet
2Mb / 76P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
REVISED JULY 2022
TLC6984RRFR TI-TLC6984RRFR Datasheet
3Mb / 71P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
MARCH 2022
TLC6984RRFR TI-TLC6984RRFR Datasheet
2Mb / 76P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
REVISED JULY 2022
More results


Similar Description - TLC6984

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
logo
Texas Instruments
TLC6983 TI-TLC6983 Datasheet
448Kb / 7P
TLC6983 48x16 Common Cathode Matrix LED Display Driver with Ultra Low Power
TLC6983 TI-TLC6983_V01 Datasheet
1Mb / 12P
TLC6983 48x16 Common Cathode Matrix LED Display Driver with Ultra Low Power
TLC6984 TI-TLC6984 Datasheet
2Mb / 67P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
DECEMBER 2021
TLC6984 TI-TLC6984_V01 Datasheet
3Mb / 71P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
MARCH 2022
LP5891 TI-LP5891 Datasheet
2Mb / 71P
LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
MAY 2022
LP5891 TI-LP5891_V01 Datasheet
2Mb / 74P
LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED MAY 2022
TLC6984 TI-TLC6984_V03 Datasheet
2Mb / 76P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
REVISED JULY 2022
LP5891-Q1 TI-LP5891-Q1 Datasheet
2Mb / 66P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
AUGUST 2022
LP5891-Q1 TI-LP5891-Q1_V01 Datasheet
2Mb / 69P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com