Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD282C3 Datasheet (PDF) - Qorvo, Inc

CMD282C3 Datasheet PDF - Qorvo, Inc
Part # CMD282C3
Download  CMD282C3 Download
File Size   402.2 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC-22 GHz 2-bit Digital Attenuator

CMD282C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMD282C3 Datasheet PDF - Qorvo, Inc

Part # CMD282C3
Download  CMD282C3 Click to download

File Size   402.2 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC-22 GHz 2-bit Digital Attenuator

CMD282C3 Datasheet (HTML) - Qorvo, Inc


CMD282C3 Product details

Key Features
• Wideband Performance
• Low Insertion Loss
• 12 dB Attenuation Range
• Pb-Free RoHs Compliant 3x3 QFN Package




Similar Part No. - CMD282C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD282C3 MMIC-CMD282C3 Datasheet
327Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
More results


Similar Description - CMD282C3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-230 MACOM-AT-230 Datasheet
30Kb / 2P
Digital Attenuator, 28 dB, 3-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
logo
Custom MMIC Design Serv...
CMD281 MMIC-CMD281 Datasheet
307Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
CMD281C3 MMIC-CMD281C3 Datasheet
326Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
CMD282 MMIC-CMD282 Datasheet
307Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
CMD282C3 MMIC-CMD282C3 Datasheet
327Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
CMD281 QORVO-CMD281 Datasheet
371Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
September 14, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com