Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADA2030G Datasheet (PDF) - Tyco Electronics

MADA2030G Datasheet PDF - Tyco Electronics
Part # MADA2030G
Download  MADA2030G Download
File Size   98.48 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5-Bit GaAs Digital Attenuator DC - 2 GHz

MADA2030G Datasheet (PDF)

Go To PDF Page Download Datasheet
MADA2030G Datasheet PDF - Tyco Electronics

Part # MADA2030G
Download  MADA2030G Click to download

File Size   98.48 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5-Bit GaAs Digital Attenuator DC - 2 GHz

MADA2030G Datasheet (HTML) - Tyco Electronics




Similar Part No. - MADA2030G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator DC- 2.0 GHz
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator
MADA2030G MA-COM-MADA2030G_15 Datasheet
590Kb / 5P
5-Bit GaAs Digital Attenuator
More results


Similar Description - MADA2030G

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
logo
Tyco Electronics
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
logo
Mimix Broadband
XA1000 MIMIX-XA1000 Datasheet
418Kb / 6P
DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
logo
Nel Frequency Controls,...
HMC110 NEL-HMC110 Datasheet
75Kb / 4P
GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
logo
Hittite Microwave Corpo...
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
logo
Mimix Broadband
XA1000-BD MIMIX-XA1000-BD Datasheet
364Kb / 6P
DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
logo
M/A-COM Technology Solu...
AT-357 MA-COM-AT-357 Datasheet
61Kb / 3P
GaAs Digital Attenuator 31 dB, 5 - Bit, DC - 2 GHz
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator DC- 2.0 GHz
AT-357 MA-COM-AT-357_15 Datasheet
632Kb / 4P
GaAs Digital Attenuator 31 dB, 5-Bit, DC-2 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com