Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA260-85 Datasheet (PDF) - Alpha Industries

AA260-85 Datasheet PDF - Alpha Industries
Part # AA260-85
Download  AA260-85 Download
File Size   162.76 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz

AA260-85 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA260-85 Datasheet PDF - Alpha Industries

Part # AA260-85
Download  AA260-85 Click to download

File Size   162.76 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz

AA260-85 Datasheet (HTML) - Alpha Industries


AA260-85 Product details

Description
The AA260-85 is a 5 bit, GaAs IC FET digital attenuator in a low cost SSOP-20 package. This attenuator has an LSB of 1 dB and a total attenuation of 31 dB. The AA260-85 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include cellular radio, wireless data, wireless local loop and other gain level control circuits.

Features
■ Attenuation 1.0 dB Steps to 31 dB with High Accuracy
■ Low DC Power Consumption
■ Low Cost SSOP-20 Plastic Package




Similar Part No. - AA260-85

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA260-85 SKYWORKS-AA260-85 Datasheet
368Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AA260-85LF SKYWORKS-AA260-85LF Datasheet
368Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
More results


Similar Description - AA260-85

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC274QS16 HITTITE-HMC274QS16 Datasheet
210Kb / 6P
1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
logo
Alpha Industries
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
AA260-85 SKYWORKS-AA260-85 Datasheet
368Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
logo
Hittite Microwave Corpo...
HMC274QS16 HITTITE-HMC274QS16_06 Datasheet
326Kb / 6P
1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16_08 Datasheet
228Kb / 6P
1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com