Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA103-72 Datasheet (PDF) - Alpha Industries

AA103-72 Datasheet PDF - Alpha Industries
Part # AA103-72
Download  AA103-72 Download
File Size   24.81 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz

AA103-72 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA103-72 Datasheet PDF - Alpha Industries

Part # AA103-72
Download  AA103-72 Click to download

File Size   24.81 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz

AA103-72 Datasheet (HTML) - Alpha Industries


AA103-72 Product details

Description
The AA103-72 is a 1 bit GaAs IC FET digital attenuator in a low cost package. This attenuator has an LSB of 10 dB. The AA103-72 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required.Typical applications include cellular radio, wireless data, and wireless local loop gain level control circuits.

Features
■ Attenuation Cutback of 10 dB
■ Single Positive 3 V Control
■ Low Loss
■ Low Cost SOT-5 Plastic Package




Similar Part No. - AA103-72

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA103-72 SKYWORKS-AA103-72 Datasheet
82Kb / 4P
GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
AA103-72LF SKYWORKS-AA103-72LF Datasheet
82Kb / 4P
GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
More results


Similar Description - AA103-72

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AT001D6-25 ALPHA-AT001D6-25 Datasheet
28Kb / 2P
GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
AA226-87 SKYWORKS-AA226-87 Datasheet
536Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com