Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA101-80 Datasheet (PDF) - Alpha Industries

AA101-80 Datasheet PDF - Alpha Industries
Part # AA101-80
Download  AA101-80 Download
File Size   249.9 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz

AA101-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA101-80 Datasheet PDF - Alpha Industries

Part # AA101-80
Download  AA101-80 Click to download

File Size   249.9 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz

AA101-80 Datasheet (HTML) - Alpha Industries


AA101-80 Product details

Description
The AA101-80 is a 5 bit, single positive control GaAs IC FET digital attenuator in a low cost SSOP-16 package. This attenuator has an LSB of 1 dB and a total attenuation of 31 dB. The attenuator requires external DC blocking capacitors, positive supply voltage (VS) and five individual bit control voltages (V1–V5).The AA101-80 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base station, wireless data, and wireless local loop gain level control circuits.

Features
■ Attenuation 1 dB Steps to 31 dB with High Accuracy
■ Single Positive Control (+3 to +5 V) for Each Bit
■ Low DC Power Consumption
■ Small Low Cost SSOP-16 Plastic Package




Similar Part No. - AA101-80

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA101-80LF SKYWORKS-AA101-80LF Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
More results


Similar Description - AA101-80

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA113-310 SKYWORKS-AA113-310 Datasheet
135Kb / 4P
GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com