Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA105-86 Datasheet (PDF) - Alpha Industries

AA105-86 Datasheet PDF - Alpha Industries
Part # AA105-86
Download  AA105-86 Download
File Size   400.38 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz

AA105-86 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA105-86 Datasheet PDF - Alpha Industries

Part # AA105-86
Download  AA105-86 Click to download

File Size   400.38 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz

AA105-86 Datasheet (HTML) - Alpha Industries


AA105-86 Product details

Description
The AA105-86 is a 4 bit, single positive control GaAs IC FET digital attenuator. It requires DC blocking capacitors, positive supply voltage (VS) and four individual positive bit control voltages (V1–V4). The AA105-86 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include cellular radio, wireless data, and wireless local loop gain level control circuits.

Features
■ Attenuation 1 dB Steps to 15 dB with High Accuracy
■ Single Positive Control (+3 to +5 V) for Each Bit
■ Low DC Power Consumption
■ Miniature Low Cost MSOP-10 Plastic Package




Similar Part No. - AA105-86

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA105-86 SKYWORKS-AA105-86 Datasheet
605Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB 0.5-3.0 GHz
AA105-86LF SKYWORKS-AA105-86LF Datasheet
605Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB 0.5-3.0 GHz
More results


Similar Description - AA105-86

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA105-86 SKYWORKS-AA105-86 Datasheet
605Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB 0.5-3.0 GHz
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com