Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA210-25 Datasheet (PDF) - Alpha Industries

AA210-25 Datasheet PDF - Alpha Industries
Part # AA210-25
Download  AA210-25 Download
File Size   38.71 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz

AA210-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA210-25 Datasheet PDF - Alpha Industries

Part # AA210-25
Download  AA210-25 Click to download

File Size   38.71 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz

AA210-25 Datasheet (HTML) - Alpha Industries


AA210-25 Product details

Description
The AD210-25 is an IC FET digital attenuator consisting of four monolithic attenuators with LSB of 1 dB and a total attenuation of 15 dB with all attenuators connected. Attenuator bits are switched with -5 and 0 V.
The AD210-25 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required.Typical applications include cellular, radio, wireless data, wireless local loop and other gain/level control circuits.

Features
■ Attenuation in 1 dB Steps to 15 dB with High Accuracy
■ Low Intermodulation Products
■ Low Cost SOIC-16 Plastic Package
■ Low DC Power Consumption




Similar Part No. - AA210-25

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA210-25 SKYWORKS-AA210-25 Datasheet
137Kb / 4P
GaAs IC 4-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AA210-25LF SKYWORKS-AA210-25LF Datasheet
137Kb / 4P
GaAs IC 4-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
More results


Similar Description - AA210-25

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
AA230-24 ALPHA-AA230-24 Datasheet
38Kb / 2P
GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AT001D6-25 ALPHA-AT001D6-25 Datasheet
28Kb / 2P
GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
AK002D4-24 ALPHA-AK002D4-24 Datasheet
35Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AK802D4-24 SKYWORKS-AK802D4-24 Datasheet
31Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
AA210-25 SKYWORKS-AA210-25 Datasheet
137Kb / 4P
GaAs IC 4-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com