Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA280-25 Datasheet (PDF) - Alpha Industries

AA280-25 Datasheet PDF - Alpha Industries
Part # AA280-25
Download  AA280-25 Download
File Size   467.24 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz

AA280-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA280-25 Datasheet PDF - Alpha Industries

Part # AA280-25
Download  AA280-25 Click to download

File Size   467.24 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz

AA280-25 Datasheet (HTML) - Alpha Industries


AA280-25 Product details

Description
The AD280-25 is a 5 bit, GaAs IC FET digital attenuator in a low cost SOIC-16 package. This attenuator has an LSB of 0.5 dB and a total attenuation of 15.5 dB.
The AD280-25 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required.Typical applications include cellular radio, wireless data, wireless local loop and other gain level control circuits.

Features
■ Attenuation 0.5 dB Steps to 15.5 dB with High Accuracy
■ Low DC Power Consumption
■ Low Cost SOIC-16 Plastic Package




Similar Part No. - AA280-25

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
AA280-25LF SKYWORKS-AA280-25LF Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
More results


Similar Description - AA280-25

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com