Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC110 Datasheet (PDF) - Nel Frequency Controls,inc

HMC110 Datasheet PDF - Nel Frequency Controls,inc
Part # HMC110
Download  HMC110 Download
File Size   75.29 Kbytes
Page   4 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz

HMC110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC110 Datasheet PDF - Nel Frequency Controls,inc

Part # HMC110
Download  HMC110 Click to download

File Size   75.29 Kbytes
Page   4 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz

HMC110 Datasheet (HTML) - Nel Frequency Controls,inc


HMC110 Product details

General Description
The HMC110 chip is a 5-bit digital attenuator with a 31 dB range in 1 dB steps. Each bit is activated by applying 0V to port A and disabled with -5 V to port A. Port B (as applicable) is biased with the complement of port A. Applications include military ECM and communications as well as commercial microwave radios. See SMT packaged versions; HMC110G16 (hermetic) and HMC110C14 (non hermetic).

Features
   BANDWIDTH: DC-10 GHZ
   LOW INSERTION LOSS : <6 dB
   31 dB ATTENUATION RANGE
   FAST SWITCHING: 6 nS




Similar Part No. - HMC110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC1105 AD-HMC1105 Datasheet
300Kb / 6P
Microwave Test Equipment
HMC1106 AD-HMC1106 Datasheet
776Kb / 10P
GaAs MMIC MIXER 15 - 36 GHz
logo
Hittite Microwave Corpo...
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
More results


Similar Description - HMC110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC307QS16G HITTITE-HMC307QS16G Datasheet
206Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC335G16 HITTITE-HMC335G16 Datasheet
238Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC235QS16G HITTITE-HMC235QS16G Datasheet
189Kb / 6P
GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 4 GHz
logo
Mimix Broadband
XA1000 MIMIX-XA1000 Datasheet
418Kb / 6P
DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
logo
Hittite Microwave Corpo...
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
logo
Mimix Broadband
XA1000-BD MIMIX-XA1000-BD Datasheet
364Kb / 6P
DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC335G16 HITTITE-HMC335G16_08 Datasheet
215Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC541LP3 HITTITE-HMC541LP3_08 Datasheet
182Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com