Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC110 Datasheet (PDF) - Hittite Microwave Corporation

HMC110 Datasheet PDF - Hittite Microwave Corporation
Part # HMC110
Download  HMC110 Download
File Size   112.52 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz

HMC110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC110 Datasheet PDF - Hittite Microwave Corporation

Part # HMC110
Download  HMC110 Click to download

File Size   112.52 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz

HMC110 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC110

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HMC110 NEL-HMC110 Datasheet
75Kb / 4P
GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
logo
Analog Devices
HMC1105 AD-HMC1105 Datasheet
300Kb / 6P
Microwave Test Equipment
HMC1106 AD-HMC1106 Datasheet
776Kb / 10P
GaAs MMIC MIXER 15 - 36 GHz
logo
Hittite Microwave Corpo...
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
More results


Similar Description - HMC110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC273MS10G HITTITE-HMC273MS10G Datasheet
187Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
HMC273MS10G HITTITE-HMC273MS10G_07 Datasheet
259Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC273MS10G HITTITE-HMC273MS10G_08 Datasheet
257Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC273MS10GE HITTITE-HMC273MS10GE Datasheet
257Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com