Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD285C3 Datasheet (PDF) - Qorvo, Inc

CMD285C3 Datasheet PDF - Qorvo, Inc
Part # CMD285C3
Download  CMD285C3 Download
File Size   521.25 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC-20 GHz Voltage-Variable Attenuator

CMD285C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMD285C3 Datasheet PDF - Qorvo, Inc

Part # CMD285C3
Download  CMD285C3 Click to download

File Size   521.25 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC-20 GHz Voltage-Variable Attenuator

CMD285C3 Datasheet (HTML) - Qorvo, Inc


CMD285C3 Product details

Key Features
• Wideband Performance
• Low Insertion Loss
• Wide Attenuation Range
• High Linearity
• Pb-Free RoHs Compliant 3x3 mm SMT Package




Similar Part No. - CMD285C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
DC-20 GHz Voltage-Variable Attenuator
More results


Similar Description - CMD285C3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-250 MACOM-AT-250 Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-332 MACOM-AT-332 Datasheet
114Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
Voltage Variable Absorptive Attenuator DC - 2.0 GHz
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Analog Devices
HMC-C053 AD-HMC-C053 Datasheet
264Kb / 9P
Voltage Variable Attenuator Module, DC to 20 GHz
Rev. E
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
DC-20 GHz Voltage-Variable Attenuator
logo
Analog Devices
ADH346S AD-ADH346S Datasheet
161Kb / 7P
DC to 8 GHz Voltage-Variable Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com