Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C053 Datasheet (PDF) - Analog Devices

HMC-C053 Datasheet PDF - Analog Devices
Part # HMC-C053
Download  HMC-C053 Download
File Size   264.51 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage Variable Attenuator Module, DC to 20 GHz

HMC-C053 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C053 Datasheet PDF - Analog Devices

Part # HMC-C053
Download  HMC-C053 Click to download

File Size   264.51 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage Variable Attenuator Module, DC to 20 GHz

HMC-C053 Datasheet (HTML) - Analog Devices


HMC-C053 Product details

GENERAL DESCRIPTION
The HMC-C053 is an absorptive voltage variable attenuator (VVA) operating from dc to 20 GHz. The HMC-C053 features a simple single voltage attenuation control, 0 V to −3 V. The device is ideal in designs where an analog dc control signal must control radio frequency (RF) signal levels over a 30 dB amplitude range. Its broad frequency range makes it an attractive choice for many applications, particularly those involved with automatic gain control (AGC) or temperature compensation of multiple gain stages, typically found in microwave radio or test instrumentation architecture. Removable SMA connectors can be detached to allow direct connection of the module input/output pins to a microstrip or coplanar circuit.

FEATURES
   Wide bandwidth: dc to 20 GHz
   Low phase shift vs. attenuation
   30 dB attenuation range up to 12 GHz
   Hermetically sealed module
   Field replaceable SMA connectors
   Operating temperature: −55°C to +85°C

APPLICATIONS
   Telecom infrastructure
   Military radio, radar, and ECM
   Space systems
   Test instrumentation




Similar Part No. - HMC-C053

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
More results


Similar Description - HMC-C053

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-250 MACOM-AT-250 Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-332 MACOM-AT-332 Datasheet
114Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
Voltage Variable Absorptive Attenuator DC - 2.0 GHz
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
DC-20 GHz Voltage-Variable Attenuator
logo
Analog Devices
ADH346S AD-ADH346S Datasheet
161Kb / 7P
DC to 8 GHz Voltage-Variable Attenuator
logo
Qorvo, Inc
CMD285C3 QORVO-CMD285C3 Datasheet
521Kb / 16P
DC-20 GHz Voltage-Variable Attenuator
May 5, 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com