Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTM Datasheet (PDF) - AiT Semiconductor Inc.

KTM Datasheet PDF - AiT Semiconductor Inc.
Part # KTM
Download  KTM Download
File Size   246.4 Kbytes
Page   1 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SMD TCXO

KTM Datasheet (PDF)

Go To PDF Page Download Datasheet
KTM Datasheet PDF - AiT Semiconductor Inc.

Part # KTM
Download  KTM Click to download

File Size   246.4 Kbytes
Page   1 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SMD TCXO

KTM Datasheet (HTML) - AiT Semiconductor Inc.


KTM Product details

Features
 Metal cover, FR-4 PCB based.
 Output: TTL/CMOS or Clipped Sine Wave.
 Low current option(2mA for Clipped Sine Wave).
 VC-TCXO available.
 Automatic mounting and reflow soldering.
 Applications: Marine communication, Mobile communication, Aerial radio, Satellite, Femtocell, Test equipment, Avionics, etc.
 High stability and high reliability.




Similar Part No. - KTM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KTM-5000 ETC-KTM-5000 Datasheet
551Kb / 2P
Crimp Tools
March 2009
logo
SICK AG
KTM-MB31111P SICK-KTM-MB31111P Datasheet
2Mb / 8P
CONTRAST SENSORS
KTM-MB31112P SICK-KTM-MB31112P Datasheet
2Mb / 8P
CONTRAST SENSORS
KTM-MB31191P SICK-KTM-MB31191P Datasheet
2Mb / 7P
CONTRAST SENSORS
KTM-MB8A191P SICK-KTM-MB8A191P Datasheet
2Mb / 7P
CONTRAST SENSORS
More results


Similar Description - KTM

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
DTCXO-15A KSS-DTCXO-15A Datasheet
52Kb / 1P
SMD-Digital TCXO
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
SMD VC-TCXO
logo
MMD Components
MTKH MMD-MTKH Datasheet
208Kb / 2P
SMD TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0146A TAI-SAW-TX0146A Datasheet
299Kb / 5P
SMD 5.0x3.2 24.5535MHz TCXO
TX0279A TAI-SAW-TX0279A Datasheet
213Kb / 6P
SMD 3.2x2.5 16.367667MHz TCXO
TX0382A TAI-SAW-TX0382A Datasheet
338Kb / 7P
TCXO SMD 3.2x2.5 13.000MHz
logo
Fox Electronics
FOX751 FOX-FOX751 Datasheet
487Kb / 1P
SMD HCMOS TCXO
FOX551 FOX-FOX551 Datasheet
353Kb / 1P
SMD HCMOS TCXO
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252_11 Datasheet
117Kb / 1P
Miniature SMD TCXO
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
SMD TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com