Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTCXO-15A Datasheet (PDF) - Kyocera Kinseki Corpotation

DTCXO-15A Datasheet PDF - Kyocera Kinseki Corpotation
Part # DTCXO-15A
Download  DTCXO-15A Download
File Size   52.43 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description SMD-Digital TCXO

DTCXO-15A Datasheet (PDF)

Go To PDF Page Download Datasheet
DTCXO-15A Datasheet PDF - Kyocera Kinseki Corpotation

Part # DTCXO-15A
Download  DTCXO-15A Click to download

File Size   52.43 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description SMD-Digital TCXO

DTCXO-15A Datasheet (HTML) - Kyocera Kinseki Corpotation


DTCXO-15A Product details

■ Features
• Small Size (14.0×11.5×8.0mm), Lead-less type (SMD)
• Supply voltage of 3.3V or 5.0V is available.
• Digital processing Temperature Compensated Crystal Oscillator
• High stability (±0.3×10-6MAX./-30~80:)

■ Typical Applications
• Reference Oscillator
• PLL Oscillator




Similar Part No. - DTCXO-15A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
DTCXO-12A KSS-DTCXO-12A Datasheet
63Kb / 1P
Digital TCXO
DTCXO-13A KSS-DTCXO-13A Datasheet
160Kb / 1P
Digital TCXO
More results


Similar Description - DTCXO-15A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
DTCXO-12A KSS-DTCXO-12A Datasheet
63Kb / 1P
Digital TCXO
DTCXO-13A KSS-DTCXO-13A Datasheet
160Kb / 1P
Digital TCXO
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
SMD VC-TCXO
logo
MMD Components
MTKH MMD-MTKH Datasheet
208Kb / 2P
SMD TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0146A TAI-SAW-TX0146A Datasheet
299Kb / 5P
SMD 5.0x3.2 24.5535MHz TCXO
logo
Fox Electronics
FOX751 FOX-FOX751 Datasheet
487Kb / 1P
SMD HCMOS TCXO
FOX551 FOX-FOX551 Datasheet
353Kb / 1P
SMD HCMOS TCXO
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252_11 Datasheet
117Kb / 1P
Miniature SMD TCXO
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
SMD TCXO
KTM AITSEMI-KTM Datasheet
246Kb / 1P
SMD TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com