Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR320F Datasheet (PDF) - AiT Semiconductor Inc.

MBR320F Datasheet PDF - AiT Semiconductor Inc.
Part # MBR320F
Download  MBR320F Download
File Size   483.58 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A

MBR320F Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR320F Datasheet PDF - AiT Semiconductor Inc.

Part # MBR320F
Download  MBR320F Click to download

File Size   483.58 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A

MBR320F Datasheet (HTML) - AiT Semiconductor Inc.


MBR320F Product details

DESCRIPTION
The
MBR 3 20 F ~MBR 3 200 F are available in
SOD 123FL Pa ckage

FEATURES
 Plastic package has Underwriters Laboratory
Flammability Classification 94V
0
 Low power loss, high efficiency
 For use in low voltage high frequency inverters,
free wheeling, and polarity protection
applications
 Guardring for over voltage protection
 High temperature soldering guaranteed:
260°C/10 seconds at terminals
 Availabl e in SOD 123FL P ackage

MECHANICAL DATA
Case: SOD
123 FL/MINI SMA
molded plastic over sky die
Terminals: Plated leads, solderable per
MIL
STD 75 0, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0155 g
Handling precautin:
None




Similar Part No. - MBR320F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR320 MOTOROLA-MBR320 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
SynSemi, Inc.
MBR320 SYNSEMI-MBR320 Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Digitron Semiconductors
MBR320 DIGITRON-MBR320 Datasheet
201Kb / 3P
3A SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
Compact Technology Corp...
MBR3200 CTC-MBR3200 Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - MBR320F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
logo
AiT Semiconductor Inc.
MBR2100F AITSEMI-MBR2100F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR220F AITSEMI-MBR220F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR240F AITSEMI-MBR240F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
SM320AF AITSEMI-SM320AF Datasheet
598Kb / 5P
SCHOTTKY DIODES REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
SM320B AITSEMI-SM320B Datasheet
392Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
SM320BF AITSEMI-SM320BF Datasheet
451Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.1
SM520AF AITSEMI-SM520AF Datasheet
416Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
SM520C AITSEMI-SM520C Datasheet
360Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com