Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3150 Datasheet (PDF) - Leshan Radio Company

SB3150 Datasheet PDF - Leshan Radio Company
Part # SB3150
Download  SB3150 Download
File Size   202.38 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A

SB3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB3150 Datasheet PDF - Leshan Radio Company

Part # SB3150
Download  SB3150 Click to download

File Size   202.38 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A

SB3150 Datasheet (HTML) - Leshan Radio Company


SB3150 Product details

Feature & Dimensions
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters, free
   wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
   260°C/10 seconds at terminals

Mechanical Data
• Case: JEDEC DO-201AD, molded plastic
             over sky die
• Terminals: Plated axial leads, solderable per
                   MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any 
• Weight: 0.038 oz., 1.03 g 
• Handling precautin:None




Similar Part No. - SB3150

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB3150 CTC-SB3150 Datasheet
73Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Gulf Semiconductor
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
logo
Sirectifier Global Corp...
SB3150 SIRECT-SB3150 Datasheet
210Kb / 2P
Power Schottky Rectifier - 3Amp 150~200Volt
logo
Rugao Dachang Electroni...
SB3150 DACHANG-SB3150 Datasheet
120Kb / 2P
PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Cystech Electonics Corp...
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
3.0Amp Schottky Barrier Rectifiers
More results


Similar Description - SB3150

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
SB5150 LRC-SB5150 Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
SM2150A LRC-SM2150A Datasheet
182Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 150V Forward Current 2.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM3150A LRC-SM3150A Datasheet
181Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
SB2150 LRC-SB2150 Datasheet
256Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 2.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
AiT Semiconductor Inc.
MBR320F AITSEMI-MBR320F Datasheet
483Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com