Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTP2 Datasheet (PDF) - Analog Technologies, Inc.

ATTP2 Datasheet PDF - Analog Technologies, Inc.
Part # ATTP2
Download  ATTP2 Download
File Size   299.27 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Temperature Plate Assembly

ATTP2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTP2 Datasheet PDF - Analog Technologies, Inc.

Part # ATTP2
Download  ATTP2 Click to download

File Size   299.27 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Temperature Plate Assembly

ATTP2 Datasheet (HTML) - Analog Technologies, Inc.


ATTP2 Product details

MAIN FEATURES
Input voltage: 110-220VAC
7-inch Touch Screen
Parameters Setting
Long Life High Temperature TEC
Bidirectional Temperature Control
Temperature Cycle Control
Overcurrent, Overvoltage and Overheat Protection
Over-temperature and Under-temperature Protection
Circuit
Large Platform for Thermal Load:
314.8mm(L)×315mm(W)×152mm(H)
Wide Temperature Regulation Range: −10°C to 110°C
Temperature Accuracy: 0.1°C
100 % Lead (Pb)-free and RoHS Compliant

DESCRIPTION
ATTP2 is a high performance temperature control aircooling
system specially designed for providing the target
object with a high temperature or low temperature
environment of a certain temperature, or for cycle control
of heating and cooling, etc. The output load is TEC module,
which can heat up or cool down objects with high precision,
long life time and without noise, wear, vibration and
pollution. The TEC controller TEC28V15A drives four
high temperature and long life TECs for temperature
control. This temperature plate assembly comes with a 7-
inch touch screen and parameter setting programs, which
can be used for controlling the temperature of the target
object according to specific needs.
Note: The platform is made of 6063 aluminum alloy. The
material, size and shape of the platform and the
specifications of the TEC module can be customized.




Similar Part No. - ATTP2

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATTP1A ANALOGTECHNOLOGIES-ATTP1A Datasheet
514Kb / 8P
Temperature Plate Assembly
1/29/2022
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
More results


Similar Description - ATTP2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-475936-700 MOLEX5-SD-475936-700 Datasheet
903Kb / 4P
13XX CKT SOCKET BACK PLATE ASSEMBLY FOR SERVER APPLICATION
SD-47593-700 MOLEX11-SD-47593-700 Datasheet
903Kb / 4P
13XX CKT SOCKET BACK PLATE ASSEMBLY FOR SERVER APPLICATION
logo
Winchester Electronics ...
RM200C-9 WINCHESTER-RM200C-9 Datasheet
62Kb / 1P
FLOAT PLATE ASSEMBLY
RM200C-21WA4S-0 WINCHESTER-RM200C-21WA4S-0 Datasheet
127Kb / 1P
21WA4S GUIDE PIN PLATE ASSEMBLY
RM2100C-1 WINCHESTER-RM2100C-1 Datasheet
78Kb / 1P
"C" SIZE GUDE PIN PLATE ASSEMBLY
logo
Advanced Thermal Soluti...
ATS-FP-100W-12-C ATS-ATS-FP-100W-12-C Datasheet
313Kb / 1P
Air to Plate Thermoelectric Assembly
ATS-FP-70W-24-C ATS-ATS-FP-70W-24-C Datasheet
532Kb / 1P
Air to Plate Thermoelectric Assembly
ATS-FP-70W-12-C ATS-ATS-FP-70W-12-C Datasheet
524Kb / 1P
Air to Plate Thermoelectric Assembly
logo
Molex Electronics Ltd.
1051427000 MOLEX1-1051427000_17 Datasheet
37Kb / 1P
LGA 2011-0 Back Plate Assembly
logo
Analog Technologies, In...
ATTP1A ANALOGTECHNOLOGIES-ATTP1A Datasheet
514Kb / 8P
Temperature Plate Assembly
1/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com