Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTP2 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATTP2
Description  Temperature Plate Assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATTP2 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATTP2 Datasheet HTML 1Page - Analog Technologies, Inc. ATTP2 Datasheet HTML 2Page - Analog Technologies, Inc. ATTP2 Datasheet HTML 3Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/29/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATTP2
Temperature Plate Assembly
MAIN FEATURES
Input voltage: 110-220VAC
7-inch Touch Screen
Parameters Setting
Long Life High Temperature TEC
Bidirectional Temperature Control
Temperature Cycle Control
Overcurrent, Overvoltage and Overheat Protection
Over-temperature and Under-temperature Protection
Circuit
Large Platform for Thermal Load:
314.8mm(L)×315mm(W)×152mm(H)
Wide Temperature Regulation Range: −10°C to 110°C
Temperature Accuracy: 0.1°C
100 % Lead (Pb)-free and RoHS Compliant
APPLICATIONS
It's widely used for temperature control in industry,
medical care, scientific research, etc.
DESCRIPTION
ATTP2 is a high performance temperature control air-
cooling system specially designed for providing the target
object with a high temperature or low temperature
environment of a certain temperature, or for cycle control
of heating and cooling, etc. The output load is TEC module,
which can heat up or cool down objects with high precision,
long life time and without noise, wear, vibration and
pollution. The TEC controller TEC28V15A drives four
high temperature and long life TECs for temperature
control. This temperature plate assembly comes with a 7-
inch touch screen and parameter setting programs, which
can be used for controlling the temperature of the target
object according to specific needs.
Note: The platform is made of 6063 aluminum alloy. The
material, size and shape of the platform and the
specifications of the TEC module can be customized.
OPERATING PRINCIPLE
1. When powering on, the screen will display the platform
temperature, TEC voltage and current, etc.
2. On the screen, there are programs for setting parameters.
For example, in the heating and cooling program, set the
upper temperature limit to 90°C with a stabilization time of
10 seconds and the lower temperature limit to 20°C with a
stabilization time of 15 seconds, and repeat such cycle for
50 times.
Figure 6. Mechanical Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com