Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2AB Datasheet (PDF) - AiT Semiconductor Inc.

US2AB Datasheet PDF - AiT Semiconductor Inc.
Part # US2AB
Download  US2AB Download
File Size   244.39 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A

US2AB Datasheet (PDF)

Go To PDF Page Download Datasheet
US2AB Datasheet PDF - AiT Semiconductor Inc.

Part # US2AB
Download  US2AB Click to download

File Size   244.39 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A

US2AB Datasheet (HTML) - AiT Semiconductor Inc.


US2AB Product details

DESCRIPTION
The
US2A B ~US2M B are available in SM B p ackage

FEATURES
⚫ For surface mounted applications
⚫ Low profile package
⚫ Glass Passivated Chip Junction
⚫ Easy to pick and place
⚫ High efficiency
⚫ Availabl e in SM B p ackage

MECHANICAL DATA
Case: SM
B
Terminals:
Solderable per MIL STD 750,
Method 2026
Approx. Weight:
0.055 g 0.00 2 oz




Similar Part No. - US2AB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
SUNMATE electronic Co.,...
US2AB SUNMATE-US2AB Datasheet
558Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Shanghai Yint Electroni...
US2AB YINT-US2AB Datasheet
462Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
US2AB UNSEMI-US2AB Datasheet
2Mb / 4P
Surface Mount Ultrafast Recovery Rectifier
Revision March 1,2022
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF Datasheet
602Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results


Similar Description - US2AB

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
1N4001 AITSEMI-1N4001 Datasheet
292Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
1N4001F AITSEMI-1N4001F Datasheet
564Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
1N4001WA AITSEMI-1N4001WA Datasheet
698Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
DRS1AF AITSEMI-DRS1AF Datasheet
579Kb / 5P
FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
ES2ABF AITSEMI-ES2ABF Datasheet
621Kb / 6P
SUPERFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.1
ES2JW AITSEMI-ES2JW Datasheet
364Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
FR101W AITSEMI-FR101W Datasheet
473Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE -50V TO 1000V FORWARD CURRENT -1A
REV1.1
US1AA AITSEMI-US1AA Datasheet
238Kb / 5P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
US1AF AITSEMI-US1AF Datasheet
551Kb / 5P
ULTRAFAST RECOVERY RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
US1AW AITSEMI-US1AW Datasheet
552Kb / 6P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com