Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2AB Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # US2AB
Description  ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

US2AB Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  US2AB Datasheet HTML 1Page - AiT Semiconductor Inc. US2AB Datasheet HTML 2Page - AiT Semiconductor Inc. US2AB Datasheet HTML 3Page - AiT Semiconductor Inc. US2AB Datasheet HTML 4Page - AiT Semiconductor Inc. US2AB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
US2AB~US2MB
ULTRAFAST RECOVERY RECTIFIER
REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
REV1.1
- AUG 2018 RELEASED, MAR 2021 UPDATED -
- 1 -
DESCRIPTION
FEATURES
The US2AB~US2MB are available in SMB package
⚫
For surface mounted applications
⚫
Low profile package
⚫
Glass Passivated Chip Junction
⚫
Easy to pick and place
⚫
High efficiency
⚫
Available in SMB package
ORDERING INFORMATION
MECHANICAL DATA
Package Type
Part Number
SMB
US2AB
US2BB
US2DB
US2GB
US2JB
US2KB
US2MB
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products
Case: SMB
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 0.055g / 0.002oz
PIN DESCRIPTION


Similar Part No. - US2AB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
SUNMATE electronic Co.,...
US2AB SUNMATE-US2AB Datasheet
558Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Shanghai Yint Electroni...
US2AB YINT-US2AB Datasheet
462Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
US2AB UNSEMI-US2AB Datasheet
2Mb / 4P
Surface Mount Ultrafast Recovery Rectifier
Revision March 1,2022
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF Datasheet
602Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US2AB

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
1N4001 AITSEMI-1N4001 Datasheet
292Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
1N4001F AITSEMI-1N4001F Datasheet
564Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
1N4001WA AITSEMI-1N4001WA Datasheet
698Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
DRS1AF AITSEMI-DRS1AF Datasheet
579Kb / 5P
FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
ES2ABF AITSEMI-ES2ABF Datasheet
621Kb / 6P
SUPERFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.1
ES2JW AITSEMI-ES2JW Datasheet
364Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
FR101W AITSEMI-FR101W Datasheet
473Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE -50V TO 1000V FORWARD CURRENT -1A
REV1.1
US1AA AITSEMI-US1AA Datasheet
238Kb / 5P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
US1AF AITSEMI-US1AF Datasheet
551Kb / 5P
ULTRAFAST RECOVERY RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
US1AW AITSEMI-US1AW Datasheet
552Kb / 6P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com