Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM4160 Datasheet (PDF) - Analog Devices

ADUM4160 Datasheet PDF - Analog Devices
Part # ADUM4160
Download  ADUM4160 Download
File Size   288.0 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full/Low Speed 5 kV USB Digital Isolator

ADUM4160 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4160 Datasheet PDF - Analog Devices

Part # ADUM4160
Download  ADUM4160 Click to download

File Size   288.0 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full/Low Speed 5 kV USB Digital Isolator

ADUM4160 Datasheet (HTML) - Analog Devices


ADUM4160 Product details

GENERAL DESCRIPTION
The ADuM41601 is a USB port isolator, based on Analog Devices,
Inc., iCoupler® technology. Combining high speed CMOS and
monolithic air core transformer technology, these isolation
components provide outstanding performance characteristics
and are easily integrated with low and full speed USB-compatible
peripheral devices.
Many microcontrollers implement USB so that it presents only
the D+ and D− lines to external pins. This is desirable in many
cases because it minimizes external components and simplifies
the design; however, this presents particular challenges when
isolation is required. USB lines must automatically switch between
actively driving D+/D−, receiving data, and allowing external
resistors to set the idle state of the bus. The ADuM4160 provides
mechanisms for detecting the direction of data flow and control
over the state of the output buffers. Data direction is determined
on a packet-by-packet basis.
The ADuM4160 uses the edge detection based iCoupler technology
in conjunction with internal logic to implement a
transparent, easily configured, upstream facing port isolator.
Isolating an upstream facing port provides several advantages
in simplicity, power management, and robust operation.
The isolator has propagation delay comparable to that of a
standard hub and cable. It operates with the bus voltage on
either side ranging from 4.5 V to 5.5 V, allowing connection
directly to VBUS by internally regulating the voltage to the signaling
level. The ADuM4160 provides isolated control of the pull-up
resistor to allow the peripheral to control connection timing.
The device has a low idle current; so a suspend mode is not
required. A 2.5 kV version, the ADuM3160, is also available.

FEATURES
USB 2.0 compatible
Low and full speed data rate: 1.5 Mbps and 12 Mbps
Bidirectional communication
4.5 V to 5.5 V VBUS operation
7 mA maximum upstream supply current @ 1.5 Mbps
8 mA maximum upstream supply current @ 12 Mbps
2.3 mA maximum upstream idle current
Upstream short-circuit protection
Class 3A contact ESD performance per ANSI/ESD STM5.1-2007
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/μs
16-lead SOIC wide-body package version
16-lead SOIC wide body enhanced creepage version
RoHS compliant
Safety and regulatory approvals (RI-16 package)
UL recognition: 5000 V rms for 1 minute per
UL 1577
CSA Component Acceptance Notice #5A
IEC 60601-1: 250 V rms (reinforced)
IEC 60950-1: 400 V rms (reinforced)
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak

APPLICATIONS
USB peripheral isolation
Isolated USB hub
Medical applications




Similar Part No. - ADUM4160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
262Kb / 16P
Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
Full/Low Speed USB Digital Isolator
Rev. Pr F
ADuM4160 AD-ADuM4160 Datasheet
302Kb / 16P
Full/Low Speed USB Digital Isolator
REV. A
ADUM4160 AD-ADUM4160 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADuM4160BRIZ AD-ADuM4160BRIZ Datasheet
262Kb / 16P
Full/Low Speed 5 kV USB Digital Isolator
REV. C
More results


Similar Description - ADUM4160

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
Full/Low Speed USB Digital Isolator
REV. A
ADUM7510 AD-ADUM7510 Datasheet
265Kb / 12P
5-Channel, 1 kV Unidirectional Digital Isolator
REV. A
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM4160 AD-ADUM4160_10 Datasheet
262Kb / 16P
Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM3165 AD-ADUM3165 Datasheet
1Mb / 26P
3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com