Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70S3 Datasheet (PDF) - Cystech Electonics Corp.

BAV70S3 Datasheet PDF - Cystech Electonics Corp.
Part # BAV70S3
Download  BAV70S3 Download
File Size   172.44 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description High -speed double diode

BAV70S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV70S3 Datasheet PDF - Cystech Electonics Corp.

Part # BAV70S3
Download  BAV70S3 Click to download

File Size   172.44 Kbytes
Page   4 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description High -speed double diode

BAV70S3 Datasheet (HTML) - Cystech Electonics Corp.


BAV70S3 Product details

Description
The BAV70S3 consists of two high-speed switching diodes with common cathodes, fabricated in planar technology, and encapsulated in the small SOT-323 plastic SMD package.

Features
• Small plastic SMD package
• High switching speed: max. 4ns
• Continuous reverse voltage: max. 75V
• Repetitive peak reverse voltage: max. 85V
• Repetitive peak forward current: max. 450mA.

Applications
• High-speed switching in thick and thin-film circuits.




Similar Part No. - BAV70S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV70S PHILIPS-BAV70S Datasheet
74Kb / 12P
High-speed double diode array
1997 Oct 21
logo
Siemens Semiconductor G...
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
logo
Infineon Technologies A...
BAV70S INFINEON-BAV70S Datasheet
479Kb / 7P
Silicon Switching Diode
Mar-10-2004
logo
NXP Semiconductors
BAV70S NXP-BAV70S Datasheet
105Kb / 15P
High-speed switching diodes
Rev. 07-27 November 2007
logo
Guangdong Kexin Industr...
BAV70S KEXIN-BAV70S Datasheet
41Kb / 2P
High-Speed Double Diode Array
More results


Similar Description - BAV70S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com