Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL30488A2 Datasheet (PDF) - ON Semiconductor

NCL30488A2 Datasheet PDF - ON Semiconductor
Part # NCL30488A2
Download  NCL30488A2 Download
File Size   339.26 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Factor Corrected LED Driver with Primary Side CC/CV

NCL30488A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCL30488A2 Datasheet PDF - ON Semiconductor

Part # NCL30488A2
Download  NCL30488A2 Click to download

File Size   339.26 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Factor Corrected LED Driver with Primary Side CC/CV

NCL30488A2 Datasheet (HTML) - ON Semiconductor


NCL30488A2 Product details

The NCL30488 is a power factor corrected flyback controller
targeting isolated constant current LED drivers. The controller
operates in a quasi−resonant mode to provide high efficiency. Thanks
to a novel control method, the device is able to tightly regulate a
constant LED current from the primary side. This removes the need
for secondary side feedback circuitry, its biasing and for an
optocoupler.
The device is highly integrated with a minimum number of external
components. A robust suite of safety protection is built in to simplify
the design.

Features
• High Voltage Startup
• Quasi−resonant Peak Current−mode Control Operation
• Primary Side Feedback
• CC / CV Accurate Control Vin up to 320 V rms
• Tight LED Constant Current Regulation of ±2% Typical
• Digital Power Factor Correction
• Analog and Digital Dimming
• Cycle by Cycle Peak Current Limit
• Wide Operating VCC Range
• −40 to + 125°C
• Robust Protection Features
♦ Brown−Out
♦ OVP on VCC
♦ Constant Voltage / LED Open Circuit Protection
♦ Winding Short Circuit Protection
♦ Secondary Diode Short Protection
♦ Output Short Circuit Protection
♦ Thermal Shutdown
♦ Line over Voltage Protection
• This is a Pb−Free Device

Typical Applications
• Integral LED Bulbs
• LED Power Driver Supplies
• LED Light Engines




Similar Part No. - NCL30488A2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30488A2 ONSEMI-NCL30488A2 Datasheet
259Kb / 22P
Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
More results


Similar Description - NCL30488A2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
Unisonic Technologies
UC1100 UTC-UC1100 Datasheet
224Kb / 6P
LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
logo
List of Unclassifed Man...
FT832DB ETC2-FT832DB Datasheet
193Kb / 10P
Primary-Side-Control CC/CV Controller
logo
ON Semiconductor
NCL30386 ONSEMI-NCL30386 Datasheet
317Kb / 21P
Dimmable Power Factor Corrected LED Driver Featuring Primary Side CC
April, 2018 ??Rev. P2
NCL30388 ONSEMI-NCL30388 Datasheet
373Kb / 18P
Power Factor Corrected LED Driver Featuring Primary Side CC / CV Control
February, 2020 ??Rev. 3
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
logo
AiT Semiconductor Inc.
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com