Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR180ADP Datasheet (PDF) - Vishay Siliconix

SIR180ADP Datasheet PDF - Vishay Siliconix
Part # SIR180ADP
Download  SIR180ADP Download
File Size   258.8 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) MOSFETs

SIR180ADP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR180ADP Datasheet PDF - Vishay Siliconix

Part # SIR180ADP
Download  SIR180ADP Click to download

File Size   258.8 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) MOSFETs

SIR180ADP Datasheet (HTML) - Vishay Siliconix


SIR180ADP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Very low RDS - Qg figure-of-merit (FOM)
• Tuned for the lowest RDS - Qoss FOM
• 100 % Rg and UIS tested
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• Primary side switch
• DC/DC converter
• Motor drive switch




Similar Part No. - SIR180ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR180DP VISHAY-SIR180DP Datasheet
387Kb / 13P
N-Channel 60 V (D-S) MOSFET
20-Nov-17
SIR180DP-T1-RE3 VISHAY-SIR180DP-T1-RE3 Datasheet
387Kb / 13P
N-Channel 60 V (D-S) MOSFET
20-Nov-17
More results


Similar Description - SIR180ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0601L VISHAY-TN0601L Datasheet
53Kb / 4P
N-Channel 60-V (D-S) MOSFETs
16-Jul-01
VN10LLS VISHAY-VN10LLS Datasheet
41Kb / 4P
N-Channel 60-V (D-S) MOSFETs
16-Jul-01
VN10KLS VISHAY-VN10KLS Datasheet
48Kb / 4P
N-Channel 60-V (D-S) MOSFETs with Zener Gate
16-Jul-01
VN0610L VISHAY-VN0610L Datasheet
63Kb / 4P
N-Channel 60-V (D-S) MOSFETs with Zener Gate
16-Jul-01
SIZ250DT VISHAY-SIZ250DT Datasheet
352Kb / 14P
Dual N-Channel 60 V (D-S) MOSFETs
30-Dec-2019
SIJ462DP VISHAY-SIJ462DP_V01 Datasheet
221Kb / 10P
N-Channel 60 V (D-S) MOSFETs
17-Jun-13
SIJH600E VISHAY-SIJH600E Datasheet
190Kb / 7P
N-Channel 60 V (D-S) 175 °C MOSFET
31-May-2021
SIR188LDP VISHAY-SIR188LDP Datasheet
179Kb / 7P
N-Channel 60 V (D-S) MOSFETs
10-May-2021
SQ2308ES VISHAY-SQ2308ES Datasheet
116Kb / 7P
Automotive N-Channel 60 V (D-S) 175 °C MOSFETs
27-Sep-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com