Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN10LLS Datasheet (PDF) - Vishay Siliconix

VN10LLS Datasheet PDF - Vishay Siliconix
Part # VN10LLS
Download  VN10LLS Download
File Size   41.82 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60-V (D-S) MOSFETs

VN10LLS Datasheet (PDF)

Go To PDF Page Download Datasheet
VN10LLS Datasheet PDF - Vishay Siliconix

Part # VN10LLS
Download  VN10LLS Click to download

File Size   41.82 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60-V (D-S) MOSFETs

VN10LLS Datasheet (HTML) - Vishay Siliconix


VN10LLS Product details

FEATURES
● Low On-Resistance: 2.5 Ω
● Low Threshold: <2.1 V
● Low Input Capacitance: 22 pF
● Fast Switching Speed: 7 ns
● Low Input and Output
   Leakage

BENEFITS
● Low Offset Voltage
● Low-Voltage Operation
● Easily Driven Without Buffering
● High-Speed Circuits
● Low Error Voltage

APPLICATIONS
● Direct Logic-Level Interface: TTL/CMOS
● Solid State Relays
● Drivers: Relays, Solenoids, Lamps, Hammers,
   Displays, Memories, Transistors, etc.
● Battery Operated Systems




Similar Part No. - VN10LLS

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
VN10LE TEMIC-VN10LE Datasheet
112Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VN10LE VISHAY-VN10LE Datasheet
117Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
Rev.C 08/08/94
logo
Zetex Semiconductors
VN10LF ZETEX-VN10LF Datasheet
28Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
VN10LF DIODES-VN10LF Datasheet
26Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT
JANUARY 1996
VN10LFTA DIODES-VN10LFTA Datasheet
29Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
More results


Similar Description - VN10LLS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0601L VISHAY-TN0601L Datasheet
53Kb / 4P
N-Channel 60-V (D-S) MOSFETs
16-Jul-01
VN10KLS VISHAY-VN10KLS Datasheet
48Kb / 4P
N-Channel 60-V (D-S) MOSFETs with Zener Gate
16-Jul-01
VN0610L VISHAY-VN0610L Datasheet
63Kb / 4P
N-Channel 60-V (D-S) MOSFETs with Zener Gate
16-Jul-01
SIZ250DT VISHAY-SIZ250DT Datasheet
352Kb / 14P
Dual N-Channel 60 V (D-S) MOSFETs
30-Dec-2019
SIJ462DP VISHAY-SIJ462DP_V01 Datasheet
221Kb / 10P
N-Channel 60 V (D-S) MOSFETs
17-Jun-13
SIJH600E VISHAY-SIJH600E Datasheet
190Kb / 7P
N-Channel 60 V (D-S) 175 °C MOSFET
31-May-2021
SIR180ADP VISHAY-SIR180ADP Datasheet
258Kb / 9P
N-Channel 60 V (D-S) MOSFETs
11-May-2020
SIR188LDP VISHAY-SIR188LDP Datasheet
179Kb / 7P
N-Channel 60 V (D-S) MOSFETs
10-May-2021
SQ2308ES VISHAY-SQ2308ES Datasheet
116Kb / 7P
Automotive N-Channel 60 V (D-S) 175 °C MOSFETs
27-Sep-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com