Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMYS010N04CL Datasheet (PDF) - ON Semiconductor

NVMYS010N04CL Datasheet PDF - ON Semiconductor
Part # NVMYS010N04CL
Download  NVMYS010N04CL Download
File Size   339.45 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A

NVMYS010N04CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMYS010N04CL Datasheet PDF - ON Semiconductor

Part # NVMYS010N04CL
Download  NVMYS010N04CL Click to download

File Size   339.45 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A

NVMYS010N04CL Datasheet (HTML) - ON Semiconductor


NVMYS010N04CL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK4 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMYS010N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMYS011N04C ONSEMI-NVMYS011N04C Datasheet
341Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 12 m, 35 A
July, 2019 - Rev. 0
NVMYS011N04CTWG ONSEMI-NVMYS011N04CTWG Datasheet
341Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 12 m, 35 A
July, 2019 - Rev. 0
NVMYS012N10MCL ONSEMI-NVMYS012N10MCL Datasheet
243Kb / 6P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 52 A
June, 2022 - Rev. 0
NVMYS012N10MCLTWG ONSEMI-NVMYS012N10MCLTWG Datasheet
243Kb / 6P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 52 A
June, 2022 - Rev. 0
NVMYS013N08LH ONSEMI-NVMYS013N08LH Datasheet
283Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 13.1 m, 42 A
February, 2020 - Rev. 0
More results


Similar Description - NVMYS010N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
STD5407N ONSEMI-STD5407N Datasheet
120Kb / 6P
40 V, 38 A, Single N-Channel, DPAK
July, 2013 ??Rev. 5
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NTMYS010N04CL ONSEMI-NTMYS010N04CL Datasheet
321Kb / 7P
Power MOSFET 40 V, 10.3 m, 38 A, Single N?묬hannel
March, 2019-Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com