Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS040N10MCL Datasheet (PDF) - ON Semiconductor

NVMFS040N10MCL Datasheet PDF - ON Semiconductor
Part # NVMFS040N10MCL
Download  NVMFS040N10MCL Download
File Size   118.31 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A

NVMFS040N10MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS040N10MCL Datasheet PDF - ON Semiconductor

Part # NVMFS040N10MCL
Download  NVMFS040N10MCL Click to download

File Size   118.31 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A

NVMFS040N10MCL Datasheet (HTML) - ON Semiconductor


NVMFS040N10MCL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• NVMFWS040N10MCL − Wettable Flanks Product
• These Devices are Pb−Free, Halogen Free/BFR Free, Beryllium Free
and are RoHS Compliant




Similar Part No. - NVMFS040N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS003P03P8Z ONSEMI-NVMFS003P03P8Z Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
NVMFS003P03P8ZT1G ONSEMI-NVMFS003P03P8ZT1G Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
NVMFS005N10MCL ONSEMI-NVMFS005N10MCL Datasheet
153Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A
September, 2021-Rev. 1
NVMFS005N10MCLT1G ONSEMI-NVMFS005N10MCLT1G Datasheet
153Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A
September, 2021-Rev. 1
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
More results


Similar Description - NVMFS040N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFD021N08C ONSEMI-NTTFD021N08C Datasheet
317Kb / 9P
MOSFET - Single N-Channel 80 V, 21 m, 24 A
June, 2020 ??Rev. 1
NTMYS021N06CL ONSEMI-NTMYS021N06CL Datasheet
324Kb / 7P
Power MOSFET 60 V, 21 m, 27 A, Single N?묬hannel
April, 2019-Rev. 0
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFD040N10MCL ONSEMI-NVMFD040N10MCL Datasheet
218Kb / 7P
MOSFET ??Power, Dual N-Channel 100 V, 39 m, 21 A
December, 2021?뭃ev.0
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NVMFS5C680NL ONSEMI-NVMFS5C680NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0
NVTYS029N08H ONSEMI-NVTYS029N08H Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 80 V, 32.4 m, 21 A
April, 2021 ??Rev. 0
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com