Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS005N10MCL Datasheet (PDF) - ON Semiconductor

NVMFS005N10MCL Datasheet PDF - ON Semiconductor
Part # NVMFS005N10MCL
Download  NVMFS005N10MCL Download
File Size   153.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A

NVMFS005N10MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS005N10MCL Datasheet PDF - ON Semiconductor

Part # NVMFS005N10MCL
Download  NVMFS005N10MCL Click to download

File Size   153.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A

NVMFS005N10MCL Datasheet (HTML) - ON Semiconductor


NVMFS005N10MCL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• NVMFWS005N10MCL − Wettable Flank Products
• These Devices are Pb−Free, Halogen Free/BFR Free, Beryllium Free
and are RoHS Compliant




Similar Part No. - NVMFS005N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS003P03P8Z ONSEMI-NVMFS003P03P8Z Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
NVMFS003P03P8ZT1G ONSEMI-NVMFS003P03P8ZT1G Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
More results


Similar Description - NVMFS005N10MCL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86106LZ FAIRCHILD-FDT86106LZ Datasheet
360Kb / 6P
N-Channel PowerTrench MOSFET 100 V, 3.2 A, 108 m Ohm
logo
ON Semiconductor
NTMFS002N10MCL ONSEMI-NTMFS002N10MCL Datasheet
129Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTMTSC002N10MC ONSEMI-NTMTSC002N10MC Datasheet
273Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.0 m, 236 A
September, 2021-Rev. 1
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NTMYS4D1N06CL ONSEMI-NTMYS4D1N06CL Datasheet
333Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.0 m, 100 A
November, 2019-Rev. 1
NTTFS012N10MD ONSEMI-NTTFS012N10MD Datasheet
267Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14.4 m, 45 A
June, 2021 ??Rev. 1
NVMTS1D6N10MC ONSEMI-NVMTS1D6N10MC Datasheet
324Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
NVMYS005N10MCL ONSEMI-NVMYS005N10MCL Datasheet
326Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 5.1 m, 108 A
June, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com