Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFD040N10MCL Datasheet (PDF) - ON Semiconductor

NVMFD040N10MCL Datasheet PDF - ON Semiconductor
Part # NVMFD040N10MCL
Download  NVMFD040N10MCL Download
File Size   218.66 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Dual N-Channel 100 V, 39 m, 21 A

NVMFD040N10MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFD040N10MCL Datasheet PDF - ON Semiconductor

Part # NVMFD040N10MCL
Download  NVMFD040N10MCL Click to download

File Size   218.66 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Dual N-Channel 100 V, 39 m, 21 A

NVMFD040N10MCL Datasheet (HTML) - ON Semiconductor


NVMFD040N10MCL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• NVMFWD040N10MCL − Wettable Flank Products
• These Devices are Pb−Free, Halogen Free/BFR Free, Beryllium Free
and are RoHS Compliant




Similar Part No. - NVMFD040N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NVMFD020N06CT1G ONSEMI-NVMFD020N06CT1G Datasheet
254Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NVMFD024N06C ONSEMI-NVMFD024N06C Datasheet
255Kb / 7P
MOSFET ??Power, Dual N-Channel, SO-8FL 60 V, 22.6 m, 24 A
December, 2019-Rev. 0
NVMFD024N06CT1G ONSEMI-NVMFD024N06CT1G Datasheet
255Kb / 7P
MOSFET ??Power, Dual N-Channel, SO-8FL 60 V, 22.6 m, 24 A
December, 2019-Rev. 0
NVMFD030N06C ONSEMI-NVMFD030N06C Datasheet
253Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO-8FL 60 V, 29.7 m, 19 A
January, 2020?뭃ev. 0
More results


Similar Description - NVMFD040N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5867NL ONSEMI-NTD5867NL Datasheet
144Kb / 7P
N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
NTMC083NP10M5L ONSEMI-NTMC083NP10M5L Datasheet
360Kb / 12P
MOSFET - Power, Dual N- & P-Channel, SO8 100 V, 83 m, 4.5 A, -100 V, 131 m, -3.6 A
May, 2021 ??Rev. 1
NTMFD5877NL ONSEMI-NTMFD5877NL Datasheet
224Kb / 8P
MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS5C680NL ONSEMI-NVMFS5C680NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
NVTYS029N08H ONSEMI-NVTYS029N08H Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 80 V, 32.4 m, 21 A
April, 2021 ??Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NVMJD027N06CL ONSEMI-NVMJD027N06CL Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 26.5 m, 21 A
August, 2022 - Rev. 0
NVMJD027N06CL ONSEMI-NVMJD027N06CL_V01 Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 27 m, 21 A
September, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com