Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH450180PN Datasheet (PDF) - Murata Manufacturing Co., Ltd

PLT10HH450180PN Datasheet PDF - Murata Manufacturing Co., Ltd
Part # PLT10HH450180PN
Download  PLT10HH450180PN Download
File Size   398.9 Kbytes
Page   4 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Meets large current up to 18A max. suitable for power lines.

PLT10HH450180PN Datasheet (PDF)

Go To PDF Page Download Datasheet
PLT10HH450180PN Datasheet PDF - Murata Manufacturing Co., Ltd

Part # PLT10HH450180PN
Download  PLT10HH450180PN Click to download

File Size   398.9 Kbytes
Page   4 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Meets large current up to 18A max. suitable for power lines.

PLT10HH450180PN Datasheet (HTML) - Murata Manufacturing Co., Ltd


PLT10HH450180PN Product details

Features
1. Meets large current up to 18A max. suitable for power lines.
2. Meets to surface mounting.
3. Large common mode impedance up to 1000ohm [at 10MHz]
enables good noise suppression effect.
4. Wide operating temperature range.
-55℃ to 125℃
[PLT10HH101150PN / PLT10HH401100PN /
PLT10HH450180PN / PLT10HH9016R0PN]
-55℃ to 105℃
[PLT10HH1026R0PN / PLT10HH501100PN]

Application
Common mode noise suppression for motors in automotive
equipments, audio amps for automotive, car navigations.
Allso available for non-automotive applications.




Similar Part No. - PLT10HH450180PN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLT10HH450180PN MURATA-PLT10HH450180PN Datasheet
221Kb / 3P
Operating Temperature Range
More results


Similar Description - PLT10HH450180PN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
Suitable for low voltage large current drivers
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
Suitable for large current
logo
Murata Manufacturing Co...
PLT10HH101150PN MURATA1-PLT10HH101150PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH1026R0PN MURATA1-PLT10HH1026R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH401100PN MURATA1-PLT10HH401100PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH501100PN MURATA1-PLT10HH501100PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HN101150P0 MURATA1-PLT10HN101150P0 Datasheet
675Kb / 3P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HN401100P0 MURATA1-PLT10HN401100P0 Datasheet
676Kb / 3P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HN450180P0 MURATA1-PLT10HN450180P0 Datasheet
675Kb / 3P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com