Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH450180PN Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # PLT10HH450180PN
Description  Meets large current up to 18A max. suitable for power lines.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PLT10HH450180PN Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  PLT10HH450180PN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PLT10HH450180PN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PLT10HH450180PN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PLT10HH450180PN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Search Data Sheet
PLT10HH450180PN#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of PLT10HH450180PN# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PLT10HH450180PN%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/27/2022
Specifications
Shape
SMD
Length
12.9mm
Length
 Tolerance
±0.2mm
Width
6.6mm
Width Tolerance
±0.2mm
Thickness
9.4mm
Thickness
 Tolerance
max.
Common Mode Impedance
(at 10MHz)
45Ω
Common Mode Impedance
(at 10MHz) Tolerance
(Typ.)
Rated Current
18A
Derating of Rated Current
Yes (Over 85
℃)
*For details, please check the
derating diagram.
Rated Voltage
300Vdc
Withstanding Voltage
750Vdc
DC Resistance(max.)
1.8mΩ
DC Resistance
1.3mΩ±0.5mΩ
Insulation Resistance(min.)
10MΩ
Operating Temperature
Range
-55
℃ to 125℃
Mass(typ.)
2.1g
Number of Circuit
1
Common Mode Inductance
0.8μHmin.
Operating Temperature
Range(Self-temperature rise
is included)
Yes
Brand
Murata
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com