Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1503 Datasheet (PDF) - Gennum Corporation

GS1503 Datasheet PDF - Gennum Corporation
Part # GS1503
Download  GS1503 Download
File Size   1200.52 Kbytes
Page   83 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD EMBEDDED AUDIO CODEC

GS1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1503 Datasheet PDF - Gennum Corporation

Part # GS1503
Download  GS1503 Click to download

File Size   1200.52 Kbytes
Page   83 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD EMBEDDED AUDIO CODEC

GS1503 Datasheet (HTML) - Gennum Corporation


GS1503 Product details

DESCRIPTION

The GS1503 is a highly integrated, single chip solution for embedding/extracting digital audio streams into and out of high definition digital video signals. The GS1503 supports insertion/extraction of 24-bit synchronous audio data with a 48kHz sample rate. Audio signals with different sample rates may be converted to 48kHz by using audio sample rate converters before or after the GS1503.



FEATURES

• complies with SMPTE 292M and SMPTE 299M

• single chip HD embedded audio solution

• operates as an embedded audio multiplexer or demultiplexer

• full support for 48kHz synchronous 24-bit audio

• support for 8 channels of audio per device

• cascadable architecture supports up to 16 audio channels

• integrated scrambler/descrambler and word alignment

• CRC error detection and insertion

• audio control packet insertion and extraction

• arbitrary data packet insertion and extraction

• 3.3V power supply with 5V tolerant I/O

• 144 pin LQFP package



APPLICATIONS

HD SDI Embedded Audio




Similar Part No. - GS1503

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
HD Embedded Audio CODEC Data Sheet
GS1503BCVE2 GENNUM-GS1503BCVE2 Datasheet
1Mb / 90P
HD Embedded Audio CODEC Data Sheet
More results


Similar Description - GS1503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
Embedded Audio CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
HD Audio SoundMAX Codec
4/06-Revision 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
HD Audio SoundMAX Codec
6/05-Revision 0
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
HD Embedded Audio CODEC Data Sheet
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
Embedded Audio CODEC
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
Stereo Audio Codec With Embedded miniDSP
logo
Analog Devices
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
HD Audio SoundMAX Codec
REV. 0
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com