Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet (PDF) - Analog Devices

AD1983 Datasheet PDF - Analog Devices
Part # AD1983
Download  AD1983 Download
File Size   427.03 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HD Audio SoundMAX Codec

AD1983 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1983 Datasheet PDF - Analog Devices

Part # AD1983
Download  AD1983 Click to download

File Size   427.03 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HD Audio SoundMAX Codec

AD1983 Datasheet (HTML) - Analog Devices


AD1983 Product details

FEATURES
    2 DAC channels: 16-, 20-, or 24-bit
    2 ADC channels: 16- or 20-bit
    HD audio sample rates
        8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz,
        44.1 kHz, 48 kHz
    Greater than 90 dB dynamic range
    S/PDIF output: 32 kHz, 44.1 kHz, or 48 kHz, 16- or 24-bit
    Digital BEEP generator
    Integrated headphone amplifiers
    Selectable microphone inputs with preamplifiers
    Stereo line level inputs
    Full analog mixer
    2 GPIOs for external circuit control, jack sense
    32-lead, Pb-free LFCSP_VQ (QFN) package

ENHANCED FEATURES
    No AFILT pins, results in BOM savings
    Jack sensing autoconfiguration options
        Mute line output and monaural output (MONO_OUT)
            when headphones are used
        Mute MONO_OUT when a device is in the line out jack
    Selectable sense trip level: high/low supports all jack types
    Peripheral identification/enumeration
    Jack presence detection: HD Audio SENSE and GPIOs
    Microphone to MONO_OUT for speakerphone
    Advanced power management modes
    2 software-controlled microphone bias pins
    Stereo microphone array capture
        Source from two different ports
        0 dB, 10 dB, 20 dB, and 30 dB boost options




Similar Part No. - AD1983

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980 AD-AD1980 Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980JST AD-AD1980JST Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1983

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
HD Audio SoundMAX Codec
6/05-Revision 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
HD Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com